Electronic Components Datasheet Search
  English  ▼

X  

HV9906 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9906
Description  Simple Off-Line/PFC & >9V DC/DC Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9906 Datasheet HTML 1Page - Supertex, Inc HV9906 Datasheet HTML 2Page - Supertex, Inc HV9906 Datasheet HTML 3Page - Supertex, Inc HV9906 Datasheet HTML 4Page - Supertex, Inc HV9906 Datasheet HTML 5Page - Supertex, Inc HV9906 Datasheet HTML 6Page - Supertex, Inc HV9906 Datasheet HTML 7Page - Supertex, Inc HV9906 Datasheet HTML 8Page - Supertex, Inc HV9906 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HV9906
Absolute Maximum Ratings*
+VIN Input Voltage
-0.3V to +450V
VDD
-0.3V to +15V
VON Pulse Width Control Voltage
-0.3 to +10V
PS & NS Pin Feedback Voltage
-0.3V to +10V
Operating Ambient Temperature Range
-40
°C to +85°C
Operating Junction Temperature Range
-40
°C to +150°C
Storage Temperature Range
-65
°C to +150°C
Thermal Resistance Junction to Ambient, SOIC
159
°C/W
Thermal Resistance Junction to Case, SOIC
45
°C/W
Thermal Resistance Junction to Ambient, Plastic DIP
110
°C/W
Thermal Resistance Junction to Case, Plastic DIP
35
°C/W
*All voltages referenced to AGND and PGND connected together.
Ordering Information
Package Options
8 Pin Plastic DIP
8 Pin SOIC
Dice
HV9906P
HV9906LG
HV9906X
Electrical Characteristics (Unless otherwise noted T
A = 25
°C)
Symbol
Parameter
Min
Typ
Max
Units
TA
Conditions
Input Regulator/Vdd Supply
+VIN
Input Voltage
8.5
400
V
* Typical under UVLO
+IIN
Input Current
1.5
mA
* Gate pin open and operating at FMAX
VDD(REG)
Internal Regulator Output Voltage
10
11
V
*
VUVLO
Under Voltage Lockout Threshold
8.0
V
Decaying VDD
VHYST
Under Voltage Lockout Hysteresis
0.50
V
MOSFET Gate Drive Output
tR
Rise Time
75
nSec
CGATE = 750pF
tF
Fall Time
75
nSec
CGATE = 750pF
PWM
P(VON)
Output Pulse Width at VON
215
300
nSec
VON = 5.0V
P(VON)
Output Pulse Width at VON
2
3.35
uSec
VON = 0.2V
PMAX
Maximum Output Pulse Width
17.8
uSec
VON = 0V
fMIN
Minimum Output Frequency
10
13.5
17
KHz
fMAX
Maximum Output Frequency
250
450
KHz
Current Sense
VPS
Positive Sense Pin Voltage
0.9
1
1.1
V
* Note: VPS and VNS are matched
VNS
Negative Sense Pin Voltage
0.9
1
1.1
V
* Note: VPS and VNS are matched
Pulse Width Control Feed Forward Voltage
VON
Effective Pulse Width Control Voltage Range
0.2
6.0
V
*
The “*” denotes specifications that apply over the full temperature range (-40
°C to +85°C)
2
07/23/02
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com