Electronic Components Datasheet Search
  English  ▼

X  

HV9906 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9906
Description  Simple Off-Line/PFC & >9V DC/DC Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9906 Datasheet HTML 1Page - Supertex, Inc HV9906 Datasheet HTML 2Page - Supertex, Inc HV9906 Datasheet HTML 3Page - Supertex, Inc HV9906 Datasheet HTML 4Page - Supertex, Inc HV9906 Datasheet HTML 5Page - Supertex, Inc HV9906 Datasheet HTML 6Page - Supertex, Inc HV9906 Datasheet HTML 7Page - Supertex, Inc HV9906 Datasheet HTML 8Page - Supertex, Inc HV9906 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HV9906
Pinout
1
2
3
45
6
7
8
HV9906
+Vin
Vdd
AGND
PS
GATE
Von
PGND
NS
Pin Description
+VIN – This pin is the input to the internal linear regulator.
VON –The voltage applied to this pin by a resistor voltage divider
from +VIN controls the on time (pulse width) of the gate output.
VDD – This pin is the output of the internal linear regulator and the
supply pin for the internal circuits. It must be bypassed with a low
ESR capacitor to provide a low impedance path for the gate drive
and be capable of storing sufficient energy so that the voltage does
not decay below the UVLO threshold during the time when the
input voltage is below the minimum required by the regulator.
AGND – This pin is the common connection for analog circuits.
GATE – This pin is the output for driving the gate of an external N-
channel MOSFET.
PGND – This is the common connection for the GATE drive circuit.
NS – This pin is the negative terminal of the differential sense
feedback circuit.
PS – This pin is the positive terminal of the differential sense
feedback circuit.
__________________________________________________________________________________________________________________
Functional Block Diagram
VCO
C
C
Delay
Delay
High Voltage
Regulator
UVLO
and
POR
Bandgap
Reference
+Vin
Von
Vdd
AGND
GATE
PGND
Reset Pulse
Sample Pulse
Vdd
Vdd
1V
1V
1V
Vdd
Vref
Q
R
S
Vref
Q
_
NS
PS
Driver
3
07/23/02
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com