Electronic Components Datasheet Search
  English  ▼

X  

LT1764 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1764
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1764 Datasheet HTML 9Page - Linear Technology LT1764 Datasheet HTML 10Page - Linear Technology LT1764 Datasheet HTML 11Page - Linear Technology LT1764 Datasheet HTML 12Page - Linear Technology LT1764 Datasheet HTML 13Page - Linear Technology LT1764 Datasheet HTML 14Page - Linear Technology LT1764 Datasheet HTML 15Page - Linear Technology LT1764 Datasheet HTML 16Page - Linear Technology LT1764 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1764 Series
1764fb
APPLICATIONS INFORMATION
Thermal Considerations
The power handling capability of the device is limited
by the maximum rated junction temperature (125
°C).
The power dissipated by the device is made up of two
components:
1. Output current multiplied by the input/output voltage
differential: (IOUT)(VIN – VOUT), and
2. GND pin current multiplied by the input voltage:
(IGND)(VIN).
The GND pin current can be found using the GND Pin
Current curves in the Typical Performance Characteris-
tics. Power dissipation will be equal to the sum of the two
components listed above.
The LT1764 series regulators have internal thermal limit-
ing designed to protect the device during overload condi-
tions. For continuous normal conditions, the maximum
junction temperature rating of 125
°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambient.
Additional heat sources mounted nearby must also be
considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Surface mount heatsinks and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 1/16" FR-4 board with one ounce
copper.
Table 1. Q Package, 5-Lead DD
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
23
°C/W
1000mm
2
2500mm
2
2500mm
2
25
°C/W
125mm
2
2500mm
2
2500mm
2
33
°C/W
Table 2. FE Package, 16-Lead TSSOP
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
38
°C/W
1000mm
2
2500mm
2
2500mm
2
43
°C/W
225mm
2
2500mm
2
2500mm
2
48
°C/W
100mm
2
2500mm
2
2500mm
2
60
°C/W
T Package, 5-Lead TO-220
Thermal Resistance (Junction-to-Case) = 2.5
°C/W
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input voltage
range of 4V to 6V, an output current range of 0mA to
500mA and a maximum ambient temperature of 50
°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
where,
IOUT(MAX) = 500mA
VIN(MAX) = 6V
IGND at (IOUT = 500mA, VIN = 6V) = 10mA
So,
P = 500mA(6V – 3.3V) + 10mA(6V) = 1.41W
Using a DD package, the thermal resistance will be in the
range of 23
°C/W to 33°C/W depending on the copper
area. So the junction temperature rise above ambient will
be approximately equal to:
1.41W(28
°C/W) = 39.5°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 39.5°C = 89.5°C
* Device is mounted on topside
* Device is mounted on topside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com