Electronic Components Datasheet Search
  English  ▼

X  

LT1764 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1764
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764 Datasheet(HTML) 3 Page - Linear Technology

  LT1764 Datasheet HTML 1Page - Linear Technology LT1764 Datasheet HTML 2Page - Linear Technology LT1764 Datasheet HTML 3Page - Linear Technology LT1764 Datasheet HTML 4Page - Linear Technology LT1764 Datasheet HTML 5Page - Linear Technology LT1764 Datasheet HTML 6Page - Linear Technology LT1764 Datasheet HTML 7Page - Linear Technology LT1764 Datasheet HTML 8Page - Linear Technology LT1764 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1764 Series
1764fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 0.5A
1.7
V
(Notes 3, 11)
ILOAD = 1.5A
1.9
V
ILOAD = 2.7A, 110°C < TJ ≤ 125°C
2.3
2.7
V
ILOAD = 3A, – 40°C ≤ TJ ≤ 110°C
2.3
2.7
V
Regulated Output Voltage
LT1764-1.5
VIN = 2.21V, ILOAD = 1mA
1.477
1.500
1.523
V
(Note 4)
2.7V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
1.447
1.500
1.545
V
2.7V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
1.447
1.500
1.545
V
LT1764-1.8
VIN = 2.3V, ILOAD = 1mA
1.773
1.800
1.827
V
2.8V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
1.737
1.800
1.854
V
2.8V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
1.737
1.800
1.854
V
LT1764-2.5
VIN = 3V, ILOAD = 1mA
2.462
2.500
2.538
V
3.5V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
2.412
2.500
2.575
V
3.5V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
2.412
2.500
2.575
V
LT1764-3.3
VIN = 3.8V, ILOAD = 1mA
3.250
3.300
3.350
V
4.3V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
3.183
3.300
3.400
V
4.3V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
3.183
3.300
3.400
V
ADJ Pin Voltage
LT1764
VIN = 2.21V, ILOAD = 1mA
1.192
1.210
1.228
V
(Notes 3, 4)
2.7V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
1.168
1.210
1.246
V
2.7V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
1.168
1.210
1.246
V
Line Regulation
LT1764-1.5
∆VIN = 2.21V to 20V, ILOAD = 1mA
●
2.5
10
mV
LT1764-1.8
∆VIN = 2.3V to 20V, ILOAD = 1mA
●
310
mV
LT1764-2.5
∆VIN = 3V to 20V, ILOAD = 1mA
●
410
mV
LT1764-3.3
∆VIN = 3.8V to 20V, ILOAD = 1mA
●
4.5
10
mV
LT1764 (Note 3)
∆VIN = 2.21V to 20V, ILOAD = 1mA
●
210
mV
Load Regulation
LT1764-1.5
VIN = 2.7V, ∆ILOAD = 1mA to 3A
3
7
mV
VIN = 2.7V, ∆ILOAD = 1mA to 3A, – 40°C ≤ TJ ≤ 110°C23
mV
VIN = 2.7V, ∆ILOAD = 1mA to 2.7A, 110°C < TJ ≤ 125°C23
mV
LT1764-1.8
VIN = 2.8V, ∆ILOAD = 1mA to 3A
4
8
mV
VIN = 2.8V, ∆ILOAD = 1mA to 3A, – 40°C ≤ TJ ≤ 110°C25
mV
VIN = 2.8V, ∆ILOAD = 1mA to 2.7A, 110°C < TJ ≤ 125°C25
mV
LT1764-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 3A
4
10
mV
VIN = 3.5V, ∆ILOAD = 1mA to 3A, – 40°C ≤ TJ ≤ 110°C30
mV
VIN = 3.5V, ∆ILOAD = 1mA to 2.7A, 110°C < TJ ≤ 125°C30
mV
LT1764-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 3A
4
12
mV
VIN = 4.3V, ∆ILOAD = 1mA to 3A, – 40°C ≤ TJ ≤ 110°C40
mV
VIN = 4.3V, ∆ILOAD = 1mA to 2.7A, 110°C < TJ ≤ 125°C40
mV
LT1764 (Note 3) VIN = 2.7V, ∆ILOAD = 1mA to 3A
2
5
mV
VIN = 2.7V, ∆ILOAD = 1mA to 3A, – 40°C ≤ TJ ≤ 110°C20
mV
VIN = 2.7V, ∆ILOAD = 1mA to 2.7A, 110°C < TJ ≤ 125°C20
mV
Dropout Voltage
ILOAD = 1mA
0.02
0.05
V
VIN = VOUT(NOMINAL)
ILOAD = 1mA
●
0.10
V
(Notes 5, 6, 11)
ILOAD = 100mA
0.07
0.13
V
ILOAD = 100mA
●
0.18
V
ILOAD = 500mA
0.14
0.20
V
ILOAD = 500mA
●
0.27
V
ILOAD = 1.5A
0.25
0.33
V
ILOAD = 1.5A
●
0.40
V
ILOAD = 2.7A, 110°C < TJ ≤ 125°C
0.66
V
ILOAD = 3A
0.34
0.45
V
ILOAD = 3A, – 40°C ≤ TJ ≤ 110°C
0.66
V
ELECTRICAL CHARACTERISTICS
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com