Electronic Components Datasheet Search
  English  ▼

X  

17635 Datasheet(PDF) 4 Page - Linear Technology

Part # 17635
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

17635 Datasheet(HTML) 4 Page - Linear Technology

  17635 Datasheet HTML 1Page - Linear Technology 17635 Datasheet HTML 2Page - Linear Technology 17635 Datasheet HTML 3Page - Linear Technology 17635 Datasheet HTML 4Page - Linear Technology 17635 Datasheet HTML 5Page - Linear Technology 17635 Datasheet HTML 6Page - Linear Technology 17635 Datasheet HTML 7Page - Linear Technology 17635 Datasheet HTML 8Page - Linear Technology 17635 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1763 Series
4
1763fe
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
C, I Grade: ILOAD = 500mA (Notes 3, 11)
MP Grade: ILOAD = 500mA (Notes 3, 11)
l
l
1.8
1.8
2.3
2.35
V
V
Regulated Output Voltage
(Note 4)
LT1763-1.5
VIN = 2V, ILOAD = 1mA
2.5V < VIN < 20V, 1mA < ILOAD < 500mA
l
1.485
1.462
1.5
1.5
1.515
1.538
V
V
LT1763-1.8
VIN = 2.3V, ILOAD = 1mA
2.8V < VIN < 20V, 1mA < ILOAD < 500mA
l
1.782
1.755
1.8
1.8
1.818
1.845
V
V
LT1763-2.5
VIN = 3V, ILOAD = 1mA
3.5V < VIN < 20V, 1mA < ILOAD < 500mA
l
2.475
2.435
2.5
2.5
2.525
2.565
V
V
LT1763-3
VIN = 3.5V, ILOAD = 1mA
4V < VIN < 20V, 1mA < ILOAD < 500mA
l
2.970
2.925
3
3
3.030
3.075
V
V
LT1763-3.3
VIN = 3.8V, ILOAD = 1mA
4.3V < VIN < 20V, 1mA < ILOAD < 500mA
l
3.267
3.220
3.3
3.3
3.333
3.380
V
V
LT1763-5
VIN = 5.5V, ILOAD = 1mA
6V < VIN < 20V, 1mA < ILOAD < 500mA
l
4.950
4.875
5
5
5.050
5.125
V
V
ADJ Pin Voltage
(Notes 3, 4)
LT1763
VIN = 2.2V, ILOAD = 1mA
C, I Grade: 2.3V < VIN < 20V, 1mA < ILOAD < 500mA
MP Grade: 2.35V < VIN < 20V, 1mA < ILOAD < 500mA
l
l
1.208
1.190
1.190
1.220
1.220
1.220
1.232
1.250
1.250
V
V
V
Line Regulation
LT1763-1.5
ΔVIN = 2V to 20V, ILOAD = 1mA
LT1763-1.8
ΔVIN = 2.3V to 20V, ILOAD = 1mA
LT1763-2.5
ΔVIN = 3V to 20V, ILOAD = 1mA
LT1763-3
ΔVIN = 3.5V to 20V, ILOAD = 1mA
LT1763-3.3
ΔVIN = 3.8V to 20V, ILOAD = 1mA
LT1763-5
ΔVIN = 5.5V to 20V, ILOAD = 1mA
LT1763 (Note 3) C, I Grade: ΔVIN = 2V to 20V, ILOAD = 1mA
LT1763 (Note 3) MP Grade: ΔVIN = 2.1V to 20V, ILOAD = 1mA
l
l
l
l
l
l
l
l
1
1
1
1
1
1
1
1
5
5
5
5
5
5
5
5
mV
mV
mV
mV
mV
mV
mV
mV
Load Regulation
LT1763-1.5
VIN = 2.5V, ΔILOAD = 1mA to 500mA
VIN = 2.5V, ΔILOAD = 1mA to 500mA
l
38
15
mV
mV
LT1763-1.8
VIN = 2.8V, ΔILOAD = 1mA to 500mA
VIN = 2.8V, ΔILOAD = 1mA to 500mA
l
49
18
mV
mV
LT1763-2.5
VIN = 3.5V, ΔILOAD = 1mA to 500mA
VIN = 3.5V, ΔILOAD = 1mA to 500mA
l
512
25
mV
mV
LT1763-3
VIN = 4V, ΔILOAD = 1mA to 500mA
VIN = 4V, ΔILOAD = 1mA to 500mA
l
715
30
mV
mV
LT1763-3.3
VIN = 4.3V, ΔILOAD = 1mA to 500mA
VIN = 4.3V, ΔILOAD = 1mA to 500mA
l
717
33
mV
mV
LT1763-5
VIN = 6V, ΔILOAD= 1mA to 500mA
VIN = 6V, ΔILOAD = 1mA to 500mA
l
12
25
50
mV
mV
LT1763 (Note 3) VIN = 2.3V, ΔILOAD = 1mA to 500mA
C, I Grade: VIN = 2.3V, ΔILOAD = 1mA to 500mA
MP Grade: VIN = 2.35V, ΔILOAD = 1mA to 500mA
l
l
26
12
12
mV
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 5, 6, 11)
ILOAD = 10mA
ILOAD = 10mA
l
0.13
0.19
0.25
V
V
ILOAD = 50mA
ILOAD = 50mA
l
0.17
0.22
0.32
V
V
ILOAD = 100mA
ILOAD = 100mA
l
0.20
0.24
0.34
V
V
ILOAD = 500mA
ILOAD = 500mA
l
0.30
0.35
0.45
V
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com