Electronic Components Datasheet Search
  English  ▼

X  

17635 Datasheet(PDF) 6 Page - Linear Technology

Part # 17635
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

17635 Datasheet(HTML) 6 Page - Linear Technology

Back Button 17635 Datasheet HTML 2Page - Linear Technology 17635 Datasheet HTML 3Page - Linear Technology 17635 Datasheet HTML 4Page - Linear Technology 17635 Datasheet HTML 5Page - Linear Technology 17635 Datasheet HTML 6Page - Linear Technology 17635 Datasheet HTML 7Page - Linear Technology 17635 Datasheet HTML 8Page - Linear Technology 17635 Datasheet HTML 9Page - Linear Technology 17635 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1763 Series
6
1763fe
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
LT1763-1.5
Output Voltage
LT1763-1.8
Output Voltage
LT1763-2.5
Output Voltage
LT1763-3
Output Voltage
LT1763-3.3
Output Voltage
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
1763 G01
0
50 100 150 200 250 300 350 400 450 500
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
1763 G02
0
50 100 150 200 250 300 350 400 450 500
TJ 125°C
TJ 25°C
= TEST POINTS
TEMPERATURE (°C)
–50
0
50
75
1763 G03
–25
25
100
125
500
450
400
350
300
250
200
150
100
50
0
IL = 500mA
IL = 1mA
IL = 10mA
IL = 50mA
IL = 250mA
IL = 100mA
TEMPERATURE (°C)
–50
100
1763 G04
050
–25
25
75
125
50
45
40
35
30
25
20
15
10
5
0
VIN = 6V
RL = , IL = 0 (LT1763-1.5/-1.8/-2.5/-3/-3.3/-5)
RL = 250k, IL = 5μA (LT1763)
VSHDN = VIN
TEMPERATURE (°C)
–50
100
1763 G05
050
1.528
1.521
1.514
1.507
1.500
1.493
1.486
1.479
1.472
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1763 G06
050
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1763 G07
050
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1763 G08
050
3.060
3.045
3.030
3.015
3.000
2.985
2.970
2.955
2.940
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1763 G09
050
3.360
3.345
3.330
3.315
3.300
3.285
3.270
3.255
3.240
–25
25
75
125
IL = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com