Electronic Components Datasheet Search
  English  ▼

X  

LR745 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 1 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TO-243AA
(SOT-89)
Order Number / Package
TO-92
TO-243AA*
450V
LR745N3
LR745N8
*Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
LR745
Ordering Information
High Input Voltage
SMPS Start-up Circuit
Maximum Input
Voltage
V
IN
GND
V
OUT
TO-92
1
2
3
TO-243AA
1
2, TAB
3
Pin Configuration
1 2 3
TO-92
1
3
2
Absolute Maximum Ratings
Input Voltage
450V
Output Voltage
25V
Operating and Storage Temperature
–55
°C to 150°C
Soldering Temperature*
300
°C
*Distance of 1.6mm from case for 10 seconds
TAB
Features
❏ 25V to 450V operating input voltage range
❏ Compatible with industry standard PWM ICs.
See application notes AN-H28 and AN-H29.
❏ Output current limiting
❏ For PWM ICs with start-up threshold voltage
of 13.9V to 18.8V
❏ Very low power consumption after start-up
Applications
❏ Notebook and Laptop computers
❏ Telecommunication power supplies
❏ Battery chargers
❏ Motor controller
General Description
The Supertex LR7 is a high input voltage SMPS start-up circuit.
The LR7 is ideally suited for use with industry standard low
voltage PWM ICs having start thresholds of 13.9V to 18.8V. It
allows the PWM ICs to be operated from rectified 120V or
240VAC lines, and eliminates the use of power resistors often
used for this purpose. The internal circuitry of the LR7 allows the
PWM ICs to operate at a V
CC voltage below their start threshold
voltage after start-up. The auxiliary voltage can be less than the
start threshold voltage, which allows for improved efficiency.
Current from the high voltage line is drawn only during the start-
up period. After start-up, the internal high voltage line is discon-
nected from the IC thereby reducing the continuous power
dissipation to a minimum.
For detailed circuit and application information, please refer
to application notes AN-H28 and AN-H29.
Product marking for TO-243AA:
LR7
❋
where
❋ = 2-week alpha date code
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Supertex, Inc
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
More results

Similar Description - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com