Electronic Components Datasheet Search
  English  ▼

X  

LR745 Datasheet(PDF) 3 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 3 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
High Voltage
VIN
VOUT
VCC
IAUX V
AUX
C1
C2
D2
IIN
LR7
GND
PWM IC
UC3844
LR745
Block Diagram Detailed
Description
The Supertex LR7 is a high voltage switch mode power supply
start-up circuit, which has 3 terminals: V
IN, GND, and VOUT. An
input voltage range of 25VDC to 450VDC can be applied directly
at the input V
IN pin. The output voltage, VOUT, is monitored by
the 2 comparators, comp1 and comp2. An internal reference,
V
REF, and resistor divider R1, R2, and R3 set the nominal VOUT
trip points of 7.0V for comp1 and 13.25V for comp2.
When a voltage is applied on V
IN, VOUT will start to ramp up from
0V. When V
OUT is less than 7.0V, the output of comp1 will be at
a logic high state keeping the D flip flop in a reset state. The
output of the D flip flop, Q, will be at logic low keeping transistor
M2 off. The data input for the D flip flop, D, is internally connected
to a logic high. As V
OUT becomes greater than 7.0V, comp1 will
change to a logic low state. V
OUT will continue to increase, and
the constant current source of typically 3mA output will charge an
external storage capacitor. As V
OUT reaches above 13.25V, the
output of comp2, will then switch from a logic high to a logic low
state. The D flip flop’s output does not change state since its
clock input is designed to trigger only on a rising edge, logic low
to logic high transition. When there is no load connected to the
output, the output voltage will continue to increase until it
reaches 21.5V which is the zener voltage minus the threshold
voltage of transistor M1. The zener voltage is typically 23V and
the threshold voltage of M1 is typically 1.5V. The zener diode is
biased by resistor R4.
V
OUT will start to decrease when it is connected to an external
load greater than the internal constant current source, which is
the case when the PWM IC starts up. When V
OUT falls below
13.25V, the output of comp2 will switch from a logic low to a logic
high. The output of comp2 will clock in a logic 1 into the D flip flop
causing the D flip flop’s output, Q, to switch from a logic low to a
logic high. Transistor M2 will then be turned on pulling the gate
of transistor M1 to ground thereby turning transistor M1 off.
Transistor M1 will remain off as long as V
OUT is greater than 7.0V.
Once V
OUT decreases below 7.0V, comp1 will reset the D flip flop,
thereby turning transistor M2 off and transistor M1 back on.
Typical Application
Figure 1 shows a simplified typical configuration of a switch
mode power supply, SMPS, using the Supertex LR7 in the start-
up circuit.
The LR7’s V
OUT terminal is connected to the VCC line of a PWM
IC, Unitrode part #UC3844. An auxiliary winding on the trans-
former is used to generate a V
CC voltage to power the PWM IC
after start-up. The LR7 is used to supply power for the PWM IC
only during start-up. After start-up, the LR7 turns off and the
auxiliary winding is used to supply power for the PWM IC. Figure
2 shows the typical current and voltage waveforms at various
stages from power up to operation powered by the auxiliary
winding.
Stage I
Once a voltage is applied on V
IN, the LR7 will start to charge the
V
CC capacitor, C1. The VCC voltage will start to increase at a rate
limited by the internal current limiter of 3.0mA. The PWM IC is
in its start-up condition and will typically draw 0.5mA from the V
CC
line. The V
CC voltage will continue to increase until it reaches the
PWM IC’s start threshold voltage of typically 16V.
Stage II
Once V
CC reaches 16V, the PWM IC is in its operating condition
and will draw typically 20mA depending on the operating fre-
quency and size of the switching MOSFET. The output of LR7,
V
OUT, is internally current limited to 3.0mA. The remaining 17mA
will be supplied by C1 causing the V
CC voltage decrease. When
V
CC decreases to 13.25V, the LR7 will turn off its output thereby
reducing its input current from 3.0mA to 10’s of microamperes.
At this point, all 20mA will be supplied by C1. The PWM IC can
now operate to a minimum V
CC voltage of typically 10V.
Once the switching MOSFET starts operating, the energy in the
primary winding is transferred to the secondary outputs and the
auxiliary winding, thereby building up V
AUX. It is necessary to
size the V
CC storage capacitor, C1, such that VAUX increases to
a voltage greater than 10V before V
CC decreases to 10V. This
allowsV
AUX to supply the required operating current for the PWM IC.
Figure 1: Simplified SMPS using LR7
(Continued on page 14-9)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com