Electronic Components Datasheet Search
  English  ▼

X  

CE50U Datasheet(PDF) 3 Page - Adam Technologies, Inc.

Part # CE50U
Description  CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CE50U Datasheet(HTML) 3 Page - Adam Technologies, Inc.

  CE50U Datasheet HTML 1Page - Adam Technologies, Inc. CE50U Datasheet HTML 2Page - Adam Technologies, Inc. CE50U Datasheet HTML 3Page - Adam Technologies, Inc. CE50U Datasheet HTML 4Page - Adam Technologies, Inc. CE50U Datasheet HTML 5Page - Adam Technologies, Inc. CE50U Datasheet HTML 6Page - Adam Technologies, Inc. CE50U Datasheet HTML 7Page - Adam Technologies, Inc. CE50U Datasheet HTML 8Page - Adam Technologies, Inc. CE50U Datasheet HTML 9Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
172
INTRODUCTION:
Adam Tech HMCA Series Card Edge Connectors include Standard
and Express versions designed for PCB’s in Peripheral Component
Interconnect (PCI) applications. Each is manufactured in a four row,
high density package which is completely compatible to industry
standards and has specially engineered contacts which provide a
very short electrical path between boards. Adam Tech card edge
connectors are designed for high performance with solid board pegs
and precision located, selectively gold plated contacts which are
ideal in high speed, increased bandwidth applications
FEATURES:
PCI and PCI Express Versions
High density compact designs
Industry standard PCI compatible
Special contact design reduces electrical path
Selectively plated contacts
Open bottom for after solder cleaning
MATING PC BOARDS:
All .050" centerline printed circuit board pads with a thickness of
.062" to .072"
SPECIFICATIONS:
Material:
Standard insulator: PPS, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Dark Brown (White 120 pos.)
Contacts: Phosphor Bronze
Contact Plating:
Gold Flash (30 µin Optional) over Nickel underplate on contact area,
tin over copper underplate on tails.
Electrical:
Operating voltage: 125V AC max.
Current rating: 1 Amp max.
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 7 oz max.
Withdrawal force: 0.9 oz min
Temperature Rating:
Operating temperature: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
HIGH DENSITY CARD EDGE
.050" [1.27] VESA MICRO CHANNEL
ARCHITECTURE (MCA)
HMCA SERIES
ORDERING INFORMATION
HMCA
112
G
SERIES INDICATOR
HMCA =
VESA Micro-channel
Card Edge connector
POSITIONS
112, 120, 132, 182, 184, 194
PLATING
G = Selectively
gold plated
contacts
A
PEGS =
A = Plastic pegs
B = Metal boardlocks
OPTIONS
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com