Electronic Components Datasheet Search
  English  ▼

X  

CE50U Datasheet(PDF) 9 Page - Adam Technologies, Inc.

Part # CE50U
Description  CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CE50U Datasheet(HTML) 9 Page - Adam Technologies, Inc.

  CE50U Datasheet HTML 1Page - Adam Technologies, Inc. CE50U Datasheet HTML 2Page - Adam Technologies, Inc. CE50U Datasheet HTML 3Page - Adam Technologies, Inc. CE50U Datasheet HTML 4Page - Adam Technologies, Inc. CE50U Datasheet HTML 5Page - Adam Technologies, Inc. CE50U Datasheet HTML 6Page - Adam Technologies, Inc. CE50U Datasheet HTML 7Page - Adam Technologies, Inc. CE50U Datasheet HTML 8Page - Adam Technologies, Inc. CE50U Datasheet HTML 9Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
178
PCI & MINI PCI EXPRESS
1.00mm & 0.8mm CARD EDGE CONNECTOR
PCIE SERIES
.343
[8.70]
.039 [1.00]
PIN
.070
[1.78]
.459
[11.65]
A
.394
[10.00]
.118 [3.00]
.156
[3.97]
.033
[0.85]
.170
[4.32]
.059
[1.50]
.398
[10.10]
.165
[4.20]
.062
[1.57]
.055
[1.40]
20
.094 [2.40]
.126 [3.20]
PIN
.126
[3.20]
.094
[2.40]
.394
[10.00]
.478
[12.15]
PIN B17
.059 [1.50]
.075 [1.90]
.039
[1.00]
.220
[5.60]
.331
[8.40]
.028 [0.70]
.301 [7.65]
1.522 [38.65]
2.821 [71.65]
.852 [21.65]
PART NO. &
PCIE-36-SM
POSITIONS
A
.984 [25.00]
2.205 [56.00]
3.504 [89.00]
1.535 [39.00]
.236 [6.00]
C
1.457 [37.00]
2.756 [70.00]
.787 [20.00]
DIMENSIONS
B
.872 [22.15]
2.840 [72.15]
1.541 [39.15]
.321 [8.15]
D
PCIE-64-SM
PCIE-98-SM
PCIE-164-SM
B
C
C
D
Secondary (Solder) Side
PCI EXPRESS
STRADDLE MOUNT
Primary (Component) Side



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com