Electronic Components Datasheet Search
  English  ▼

X  

UL508 Datasheet(PDF) 7 Page - Altech corporation

Part # UL508
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL508 Datasheet(HTML) 7 Page - Altech corporation

Back Button UL508 Datasheet HTML 2Page - Altech corporation UL508 Datasheet HTML 3Page - Altech corporation UL508 Datasheet HTML 4Page - Altech corporation UL508 Datasheet HTML 5Page - Altech corporation UL508 Datasheet HTML 6Page - Altech corporation UL508 Datasheet HTML 7Page - Altech corporation UL508 Datasheet HTML 8Page - Altech corporation UL508 Datasheet HTML 9Page - Altech corporation UL508 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
10
UL508 listed
E205412
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
3P18U3/6
6
2x3pole
101.8
3P18U3/9
9
3x3pole
155.0
3P18U3/12
12
4x3pole
208.3
3P18U3/15
15
5x3pole
261.5
3P18U3/18
18
6x3pole
314.8
3P18U3/21
21
7x3pole
368.0
3P18U3/24
24
8x3pole
421.3
3P18U3/27
27
9x3pole
474.5
3P18U3/30
30
10x3pole
527.8
3P18U3/33
33
11x3pole
581.0
3P18U3/36
36
12x3pole
634.3
3P18U3/39
39
13x3pole
687.5
3P18U3/42
42
14x3pole
740.8
3P18U3/45
45
15x3pole
794.0
3P18U3/48
48
16x3pole
847.3
3P18U3/51
51
17x3pole
900.5
3P18U3/54
54
18x3pole
953.8
3P18U3/57
57
19x3pole
1007.0
56x17.75=994mm(39.13in.)
1009mm(39.72in.)
17.75mm
(0.70in.)
7mm
(0.28in.)
InsulationTrack
Copperstrips
EndCap
L3 L2 L1
EndCap
L3 L2 L1
21mm
(0.83in.)
2mm(.079in.)
3PHASEBUSBAR -standardspacing
18mm2for80A
/25mm2for100A
ACCESSORIES
25mm2for100A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
3P25U3/6
6
2x3pole
101.8
3P25U3/9
9
3x3pole
155.0
3P25U3/12
12
4x3pole
208.3
3P25U3/15
15
5x3pole
261.5
3P25U3/18
18
6x3pole
314.8
3P25U3/21
21
7x3pole
368.0
3P25U3/24
24
8x3pole
421.3
3P25U3/27
27
9x3pole
474.5
3P25U3/30
30
10x3pole
527.8
3P25U3/33
33
11x3pole
581.0
3P25U3/36
36
12x3pole
634.3
3P25U3/39
39
13x3pole
687.5
3P25U3/42
42
14x3pole
740.8
3P25U3/45
45
15x3pole
794.0
3P25U3/48
48
16x3pole
847.3
3P25U3/51
51
17x3pole
900.5
3P25U3/54
54
18x3pole
953.8
3P25U3/57
57
19x3pole
1007.0
Type/Cat.No:
P50UT
P50UB
P95UB
Description:
PowerFeedLug
ModularDirectPowerFeed
PowerFeedBlock
Type/Cat.No:
BRS5
18/25CAP3P
Description:
InsulationCap
EndCap



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com