Electronic Components Datasheet Search
  English  ▼

X  

UL508 Datasheet(PDF) 2 Page - Altech corporation

Part # UL508
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL508 Datasheet(HTML) 2 Page - Altech corporation

  UL508 Datasheet HTML 1Page - Altech corporation UL508 Datasheet HTML 2Page - Altech corporation UL508 Datasheet HTML 3Page - Altech corporation UL508 Datasheet HTML 4Page - Altech corporation UL508 Datasheet HTML 5Page - Altech corporation UL508 Datasheet HTML 6Page - Altech corporation UL508 Datasheet HTML 7Page - Altech corporation UL508 Datasheet HTML 8Page - Altech corporation UL508 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
5
AltechUL1077/508BusbarSystem
PowerFeedMethods
1)Start/EndFeedMethod
P50UT*/P50UB*
WiththeP50UTPowerFeedLugortheP50UBModular
DirectPowerFeedasaStart/EndFeedingDevicea
maximuminputcurrentof80A/100AperPhasecanbe
achieved.80Awith18mm²Busbarand100Awith25mm²
Busbar.
2)Center/MiddleFeedMethod
P50UT*/P50UB*
WiththeP50UTPowerFeedLugortheP50UBModular
DirectPowerFeedasaCenter/MiddleFeedingDevicea
maximuminputcurrentof115AperPhasecanbeachieved.
(18mm²:80A+35A;25mm²:100A+15A)
P95UB*
WiththeP95UBPowerFeedBlockasaCenter/Middle
FeedingDeviceamaximuminputcurrentof160A/200Aper
Phasecanbeachieved(160Awith18mm²Busbarand200A
with25mm²Busbar).
Note:ThePowerFeedBlockcanonlybeusedwitha
standardspacing3PhaseUL1077/508Busbar.
*
ForcompletespecificationsanddescriptionofFeedingDevicesseepage12-13.
80A/100A
80A/100A
80A/100A
35A/15A
35A/15A
35A/15A
12
115A per phase
(P50UT)
3
80A/100A
80A/100A
80A/100A
35A/15A
35A/15A
35A/15A
(P50UB)
12
115A per phase
3
80A/100A
80A/100A
80A/100A
1
2
80A/100A per phase
(P50UT)
3
12
80A/100A per phase
3
80A/100A
80A/100A
80A/100A
(P50UB)
12
3
80/100A
80/100A
80/100A
80/100A
80/100A
80/100A
160A/200A per phase
(P95UB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com