Electronic Components Datasheet Search
  English  ▼

X  

LT1782 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1782
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1782 Datasheet HTML 3Page - Linear Technology LT1782 Datasheet HTML 4Page - Linear Technology LT1782 Datasheet HTML 5Page - Linear Technology LT1782 Datasheet HTML 6Page - Linear Technology LT1782 Datasheet HTML 7Page - Linear Technology LT1782 Datasheet HTML 8Page - Linear Technology LT1782 Datasheet HTML 9Page - Linear Technology LT1782 Datasheet HTML 10Page - Linear Technology LT1782 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1782
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: The LT1782C and LT1782I are guaranteed functional over the
operating temperature range of – 40
°C to 85°C. The LT1782H is
guaranteed functional over the operating temperature range of
–40
°C to 125°C.
Note 4: The LT1782C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1782C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1782I is guaranteed to meet
specified performance from – 40
°C to 85°C. The LT1782H is guaranteed to
meet specified performance from – 40
°C to 125°C.
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±5V or VS = ±9V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±5V or VS = ±9V tests.
Note 7: Guaranteed by correlation to slew rate at VS = ±5V, and GBW at
VS = 3V and VS = ±5V tests.
Note 8: This specification implies a typical input offset voltage of 1.8mV at
VCM = 18V and a maximum input offset voltage of 7.2mV at VCM = 18V.
Note 9: This parameter is not 100% tested.
Note 10: Specifications apply to 6-lead SOT-23 with shutdown.
Note 11: Full-power bandwidth is calculated for the slew rate.
FPBW = SR/2
πVP.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Minimum Supply Voltage
SUPPLY VOLTAGE (V)
2
6
10
14
4
8
12
16
18
1782 G01
50
45
40
35
30
25
20
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
1
2
3
4
5
1782 G02
400
300
200
100
0
–100
–200
–300
–400
TA = 125°C
TA = –55°C
TA = 25°C
VIN (V)
–10–8
6 8 10 12 14 16 18
1782 G02a
5
4
3
2
1
0
VS = 5V, 0V
–6 –4
0 2
–2
4
VIN
5V
–
+
Output Voltage vs Large Input
Voltage
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com