Electronic Components Datasheet Search
  English  ▼

X  

LT1782 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1782
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1782 Datasheet HTML 2Page - Linear Technology LT1782 Datasheet HTML 3Page - Linear Technology LT1782 Datasheet HTML 4Page - Linear Technology LT1782 Datasheet HTML 5Page - Linear Technology LT1782 Datasheet HTML 6Page - Linear Technology LT1782 Datasheet HTML 7Page - Linear Technology LT1782 Datasheet HTML 8Page - Linear Technology LT1782 Datasheet HTML 9Page - Linear Technology LT1782 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1782
The q denotes specifications which apply over the full operating temperature range of – 40
°C ≤ TA ≤ 125°C. VS = 3V, 0V; VS = 5V, 0V;
VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified. (Note 4)
LT1782H
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
40
55
µA
q
100
µA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 10)
q
25
µA
ISHDN
Shutdown Pin Current
VPIN5 = 0.3V, No load (Note 10)
q
0.5
nA
VPIN5 = 2V, No Load (Note 10)
q
12
µA
Output Leakage Current
VPIN5 = 2V, No Load (Note 10)
q
3
µA
Maximum Shutdown Pin Current
VPIN5 = 18V, No Load
q
45
µA
VL
Shutdown Pin Input Low Voltage
(Note 10)
q
0.3
V
VH
Shutdown Pin Input High Voltage
(Note 10)
q
2V
GBW
Gain Bandwidth Product
f = 10kHz (Note 5)
110
200
kHz
q
65
kHz
SR
Slew Rate
AV = –1, RL = ∞ (Note 7)
0.035
0.07
V/
µs
q
0.020
V/
µs
The q denotes specifications which apply over the full operating temperature range of – 40
°C ≤ TA ≤ 125°C.
VS = ±5V, VCM = 0V, VOUT = 0V, for the 6-lead part VPIN5 = V–, pulse power tested unless otherwise specified. (Note 4)
LT1782H
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
500
900
µV
q
3.2
mV
∆VOS/∆T Input Offset Voltage Drift (Note 9)
q
15
µV/°C
IOS
Input Offset Current
q
3nA
IB
Input Bias Current
q
30
nA
CMRR
Common Mode Rejection Ratio
VCM = –4.7V to 13V
q
60
dB
AVOL
Large-Signal Voltage Gain
VS = ±4V, RL = 10k
55
150
V/mV
q
20
V/mV
VO
Output Voltage Swing
No Load
q
±4.85
V
ISINK = ±5mA
q
±4.10
V
ISINK = ±10mA
q
±3.50
V
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±9V
q
80
dB
Minimum Supply Voltage
q
±1.35
V
IS
Supply Current
45
60
µA
q
110
µA
Supply Current, SHDN
VPIN5 = – 3V, VS = ±5V, No Load (Note 10)
q
25
µA
ISHDN
Shutdown Pin Current
VPIN5 = – 4.7V, VS = ±5V, No load (Note 10)
q
0.5
nA
VPIN5 = – 3V, VS = ±5V, No Load (Note 10)
q
12
µA
Maximum Shutdown Pin Current
VPIN5 = 9V, VS = ±9V, No Load (Note 10)
q
45
µA
Output Leakage Current
VPIN5 = –7V, VS = ±9V, No Load
q
3
µA
VL
Shutdown Pin Input Low Voltage
VS = ±5V
q
– 4.7
V
VH
Shutdown Pin Input High Voltage
VS = ±5V
q
–3
V
GBW
Gain Bandwidth Product
f = 5kHz
120
225
kHz
q
70
kHz
SR
Slew Rate
AV = –1, RL = ∞, VO = ±4V
0.0375
0.075
V/
µs
Measured at VO = ±2V
q
0.0220
V/
µs
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com