Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1782CS5
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1782CS5 Datasheet HTML 4Page - Linear Technology LT1782CS5 Datasheet HTML 5Page - Linear Technology LT1782CS5 Datasheet HTML 6Page - Linear Technology LT1782CS5 Datasheet HTML 7Page - Linear Technology LT1782CS5 Datasheet HTML 8Page - Linear Technology LT1782CS5 Datasheet HTML 9Page - Linear Technology LT1782CS5 Datasheet HTML 10Page - Linear Technology LT1782CS5 Datasheet HTML 11Page - Linear Technology LT1782CS5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1782
Output Saturation Voltage vs
Input Overdrive
INPUT OVERDRIVE (mV)
0
100
10
1
1782 G06
10
20
30
40
50
60
OUTPUT HIGH
OUTPUT LOW
VS = ±2.5V
NO LOAD
0.1Hz to 10Hz Noise Voltage
TIME (sec)
1782 G07
VS = ±2.5V
0123456789
10
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1782 G06a
40
35
30
25
20
15
VS = ±5V
SINKING CURRENT
SOURCING CURRENT
Output Short-Circuit Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs Common
Mode Voltage
Output Saturation Voltage vs Load
Current (Output High)
Output Saturation Voltage vs Load
Current (Output Low)
COMMON MODE VOLTAGE (V)
3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4
15 16 18
1782 G03
6000
5000
4000
3000
2000
1000
40
30
20
10
0
–10
TA = 125°C
VS = 5V, 0V
TA = –55°C
TA = 25°C
1
µ
0.01
0.1
1
100
µ
10
µ
1m
10m
1782 G04
TA = 125°C
VS = ±2.5V
VOD = 30mV
TA = –55°C
TA = 25°C
SOURCING LOAD CURRENT (A)
SINKING LOAD CURRENT (A)
0.01
0.1
1
µ
1
µ
1m
10m
1782 G05
0.001
10
µ
1
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±2.5V
VOD = 30mV
Gain and Phase Shift vs
Frequency
FREQUENCY (Hz)
1k
70
60
50
40
30
20
10
0
–10
–20
–30
100
80
60
40
20
0
–20
–40
–60
–80
–100
10k
100k
1M
1782 G10
VS = ±2.5V
PHASE
GAIN
Noise Voltage Density vs
Frequency
Input Noise Current vs Frequency
FREQUENCY (Hz)
80
70
60
50
40
30
20
1
100
1k
10k
1782 G08
10
FREQUENCY (Hz)
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1
100
1k
10k
1782 G09
10
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com