Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS5 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1782CS5
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS5 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1782CS5 Datasheet HTML 8Page - Linear Technology LT1782CS5 Datasheet HTML 9Page - Linear Technology LT1782CS5 Datasheet HTML 10Page - Linear Technology LT1782CS5 Datasheet HTML 11Page - Linear Technology LT1782CS5 Datasheet HTML 12Page - Linear Technology LT1782CS5 Datasheet HTML 13Page - Linear Technology LT1782CS5 Datasheet HTML 14Page - Linear Technology LT1782CS5 Datasheet HTML 15Page - Linear Technology LT1782CS5 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1782
typically 100dB. When the LT1782 switches between
input stages, there is significant nonlinearity in the CMRR.
Lower load resistance increases the output crossover
distortion but has no effect on the input stage transition
distortion. For lowest distortion, the LT1782 should be
operated single supply, with the output always sourcing
current and with the input voltage swing between ground
and (V+ – 0.8V). See the Typical Performance Character-
istics curves, “Total Harmonic Distortion + Noise vs Ouput
Voltage Amplitude.”
Gain
The open-loop gain is almost independent of load when
the output is sourcing current. This optimizes perfor-
Q10
D5
Q9
Q1
Q7
R2
6k
R3
6k
R4
40k
Q8
Q5
–IN
+IN
Q11
Q12
D4
Q2
D1
Q6
Q13
Q14
R1
30k
R5
40k
Q4
Q15
Q19
D3
Q3
Q16
Q18
Q22
V +
Q17
Q20
Q21
OUT
SHDN
V –
1782 SS
2
µA
+
Q23
Q24
Q25
Q26
J1
mance in single supply applications where the load is
returned to ground. The typical performance curve of
open-loop gain for various loads shows the details.
Shutdown
The 6-lead part includes a shutdown feature that disables
the part, reducing quiescent current and making the output
high impedance. The part can be shut down by bringing the
SHDN pin 1.2V or more above V –. When shut down, the
supply current is about 5
µA and the output leakage current
is less than 1
µA (V– ≤ VOUT ≤ V+). In normal operation, the
SHDN pin can be tied to V – or left floating. See the Typical
Performance Characteristics curves, “Supply Current vs
Shutdown Pin Voltage.”
APPLICATIO S I FOR ATIO
SI PLIFIED SCHE ATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com