Electronic Components Datasheet Search
  English  ▼

X  

JPS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # JPS
Description  Silicon Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

JPS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  JPS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd JPS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
Silicon Switching Diode Array
BAW101
Features
Electrically insulated high-voltage medium-speed diodes
A b solu te M a xim u m R atin gs T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
R e v e rs e v oltage
V R
300
V
P eak re v e rs e v oltage
V RM
300
V
F o rw ard c urrent
IF
250
m A
P eak fo rw ard c urrent
IFM
500
m A
S u rg e fo rw a rd c u rre n t, t = 1
s
IFS
4.5
A
T o ta l pow er dissipation, T S
35
P to t
350
m W
Junction te m perature
T j
150
S torage te m perature range
T stg
-6 5to+ 1 5 0
Junction - a m b ient
1)
R th JA
470
K/W
Junction - s olderin g point
R th JS
330
K/W
No te
1.P a ckage m ounted on epox y p cb 40 m m
40 m m
1 .5 mm/6 c m
2 Cu


Similar Part No. - JPS

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
logo
Mini-Circuits
JPS-2-1 MINI-JPS-2-1 Datasheet
363Kb / 1P
Power Splitter/Combiner
JPS-2-1+ MINI-JPS-2-1+ Datasheet
363Kb / 1P
Power Splitter/Combiner
JPS-2-1-75 MINI-JPS-2-1-75 Datasheet
363Kb / 1P
Power Splitter/Combiner
JPS-2-1-75+ MINI-JPS-2-1-75+ Datasheet
363Kb / 1P
Power Splitter/Combiner
More results

Similar Description - JPS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBD2835 SIEMENS-SMBD2835 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD6100 SIEMENS-SMBD6100 Datasheet
99Kb / 4P
Silicon Switching Diode Array
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
BGX50A INFINEON-BGX50A Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
Silicon Switching Diode Array
Mar-10-2004
logo
Guangdong Kexin Industr...
BAW100 KEXIN-BAW100 Datasheet
39Kb / 2P
Silicon Switching Diode Array
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BGX50A INFINEON-BGX50A_07 Datasheet
69Kb / 6P
Silicon Switching Diode Array
2007-03-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com