Electronic Components Datasheet Search
  English  ▼

X  

JPS Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # JPS
Description  Silicon Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

JPS Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  JPS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd JPS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAW101
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Breakdown voltage
VBR
I(BR) = 100
A
300
V
Forward voltage
VF
IF = 100 mA
1.3
V
VR = 250 V
150
nA
VR = 250 V, TA = 150
50
A
Diode capacitance
Cd
VR =0 V,f=1 MHz
6
pF
IF =10mA, IR =10mA, RL = 100
measured at IR =1mA
Reverse current
IR
Reverse recovery time
trr
1
Marking
Marking
JPs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com