Electronic Components Datasheet Search
  English  ▼

X  

LT1803CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1803CS8
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1803CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1803CS8 Datasheet HTML 5Page - Linear Technology LT1803CS8 Datasheet HTML 6Page - Linear Technology LT1803CS8 Datasheet HTML 7Page - Linear Technology LT1803CS8 Datasheet HTML 8Page - Linear Technology LT1803CS8 Datasheet HTML 9Page - Linear Technology LT1803CS8 Datasheet HTML 10Page - Linear Technology LT1803CS8 Datasheet HTML 11Page - Linear Technology LT1803CS8 Datasheet HTML 12Page - Linear Technology LT1803CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1803/LT1804/LT1805
180345f
INPUT OFFSET VOLTAGE (
µV)
–1250
35
30
25
20
15
10
5
0
180345 G01
–750
1250
750
250
–250
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (mV)
–6
30
25
20
15
10
5
0
–4
–2
0
2
180345 G02
46
VS = 5V, 0V
VCM = 5V
TOTAL SUPPLY VOLTAGE (V)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
24
6
8
180345 G05
10
12
13
5
7
911
PER AMPLIFIER
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
2000
1500
1000
500
0
–500
–1000
123
4
180345 G06
5
COMMON MODE VOLTAGE (V)
–1
3
2
1
0
–1
–2
1
3
4
180345 G07
0
2
5
6
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = 125°C
TA = –55°C
TA = –55°C
VS = 5V, 0V
TA = 25°C
TA = 25°C
TEMPERATURE (
°C)
–50
40
180345 G08
–20
10
–35
–5
25
85
55
70
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
NPN ACTIVE
VS = 5V, 0V
VCM = 5V
PNP ACTIVE
VS = 5V, 0V
VCM = 1V
LOAD CURRENT (mA)
0.01
0.1
1
10
0.01
1
10
180345 G09
0.001
0.1
100
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
0
INPUT OFFSET VOLTAGE (mV)
–5
40
35
30
25
20
15
10
5
0
180345 G03
–3 –2
–4
5
4
3
2
1
–1
VS = 5V, 0V
VCM = 0V
0
INPUT OFFSET VOLTAGE (mV)
–6
25
20
15
10
5
0
–4
–2
0
2
180345 G04
46
VS = 5V, 0V
VCM = 5V
TYPICAL PERFOR A CE CHARACTERISTICS
VOS Distribution, VCM = 0V
(SO-8, PNP Stage)
VOS Distribution, VCM = 5V
(SO-8, NPN Stage)
Supply Current vs Supply Voltage
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
Input Bias Current vs
Temperature
Output Saturation Voltage vs
Load Current (Output Low)
VOS Distribution, VCM = 0V
(SOT-23, PNP Stage)
VOS Distribution, VCM = 5V
(SOT-23, NPN Stage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com