Electronic Components Datasheet Search
  English  ▼

X  

LT1803CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1803CS8
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1803CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1803CS8 Datasheet HTML 8Page - Linear Technology LT1803CS8 Datasheet HTML 9Page - Linear Technology LT1803CS8 Datasheet HTML 10Page - Linear Technology LT1803CS8 Datasheet HTML 11Page - Linear Technology LT1803CS8 Datasheet HTML 12Page - Linear Technology LT1803CS8 Datasheet HTML 13Page - Linear Technology LT1803CS8 Datasheet HTML 14Page - Linear Technology LT1803CS8 Datasheet HTML 15Page - Linear Technology LT1803CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1803/LT1804/LT1805
180345f
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
10000
180345 G30
180345 G33
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
10000
180345 G31
180345 G32
FREQUENCY (MHz)
0.01
5.2
5.0
4.8
4.6
4.4
4.2
4.0
0.1
1
10
180345 G34
VS = 5V, 0V
AV = 1
VS = 5V, 0V
AV = 2
CF = 5pF
RG = 1k
RF = 1k
VS = 5V, 0V
TA = 25°C
HD2, HD3 < –40dBc
RS = 50Ω,
RL = 50Ω
RS = 50Ω,
RL = 50Ω
RS = 20Ω
RS = 20Ω
AV = 2
AV = –1
180345 G35
1V/DIV
0V
100ns/DIV
VS = 5V, 0V
AV = 1
RL = 1k
180345 G36
50mV/DIV
2.5V
50ns/DIV
VS = 5V, 0V
AV = 1
RL = 1k
FREQUENCY (MHz)
100
80
60
40
20
0
0.01
1
10
100
180345 G28
0.1
FREQUENCY (MHz)
100
90
80
70
60
50
40
30
20
10
0
–10
0.001
0.1
1
100
180345 G29
0.01
10
VS = 5V, 0V
RL = 1kΩ
TA = 25°C
VS = 5V, 0V
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
FREQUENCY (MHz)
VS = 5V, 0V
AV = 2
VOUT = 2VP-P
FREQUENCY (MHz)
0.01
–30
–40
–50
–60
–70
–80
–90
–100
–110
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
0.01
0.1
1
10
VS = 5V, 0V
AV = 1
VOUT = 2VP-P
VCM = 2V
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 1kΩ, 3RD
RL = 150Ω, 2ND
RL = 1kΩ, 2ND
RL = 150Ω, 3RD
RL = 1kΩ, 3RD
RL = 1kΩ, 2ND
TYPICAL PERFOR A CE CHARACTERISTICS
Overshoot and Series Output
Resistor vs Capacitive Load (AV = 1)
Overshoot and Series Output
Resistor vs Capacitive Load (AV = 2)
Distortion vs Frequency (AV = 1)
Distortion vs Frequency (AV = 2)
Maximum Undistorted Output
Signal vs Frequency
5V Large-Signal Response
5V Small-Signal Response
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com