Electronic Components Datasheet Search
  English  ▼

X  

LT1809CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1809CS6
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1809CS6 Datasheet HTML 6Page - Linear Technology LT1809CS6 Datasheet HTML 7Page - Linear Technology LT1809CS6 Datasheet HTML 8Page - Linear Technology LT1809CS6 Datasheet HTML 9Page - Linear Technology LT1809CS6 Datasheet HTML 10Page - Linear Technology LT1809CS6 Datasheet HTML 11Page - Linear Technology LT1809CS6 Datasheet HTML 12Page - Linear Technology LT1809CS6 Datasheet HTML 13Page - Linear Technology LT1809CS6 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LT1809/LT1810
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Offset Voltage
vs Input Common Mode
Input Bias Current
vs Common Mode Voltage
TOTAL SUPPLY VOLTAGE (V)
0
15
20
25
8
1809 G04
10
5
0
2
4
6
19
3
5
7
10
TA = 125°C
TA = 25°C
TA = –55°C
Input Bias Current vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
TEMPERATURE (
°C)
–50
–15
–13
–9
–7
–5
5
–1
–20
10
25
85
1809 G07
–11
1
3
–3
–35
–5
40
55
70
VS = 5V, 0V
VCM = 5V
VCM = 0V
LOAD CURRENT (mA)
0.01
0.001
0.1
10
110
0.1
100
1809 G08
0.01
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (mA)
0.01
0.001
0.1
10
110
0.1
100
1809 G09
0.01
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
VOS Distribution, VCM = 0V
(PNP Stage)
∆VOS Shift for VCM = 0V to 5V
INPUT OFFSET VOLTAGE (mV)
–3
0
10
20
30
40
50
–2
–1
0
1
1809 G01
23
VS = 5V, 0V
VOS Distribution, VCM = 5V
(NPN Stage)
INPUT OFFSET VOLTAGE (mV)
–3
0
10
20
30
40
50
–2
–1
0
1
1809 G02
23
VS = 5V, 0V
INPUT OFFSET VOLTAGE (mV)
–1
0
5
10
15
20
25
–0.75 –0.5 –0.25
0
0.25
1809 G03
0.5 0.75
1
VS = 5V, 0V
INPUT COMMON MODE VOLTAGE (V)
0
1.0
1.5
2.0
4
1809 G05
0.5
0
123
5
–0.5
–1.0
–1.5
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = 25°C
TA = –55°C
COMMON MODE VOLTAGE (V)
–1
5
2
1809 G06
–10
–20
01
3
–25
–30
10
0
–5
–15
456
VS = 5V, 0V
TA = –55°C
TA = –55°C
TA = 25°C
TA = 25°C
TA = 125°C
TA = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com