Electronic Components Datasheet Search
  English  ▼

X  

LT1809CS6 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1809CS6
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS6 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1809CS6 Datasheet HTML 10Page - Linear Technology LT1809CS6 Datasheet HTML 11Page - Linear Technology LT1809CS6 Datasheet HTML 12Page - Linear Technology LT1809CS6 Datasheet HTML 13Page - Linear Technology LT1809CS6 Datasheet HTML 14Page - Linear Technology LT1809CS6 Datasheet HTML 15Page - Linear Technology LT1809CS6 Datasheet HTML 16Page - Linear Technology LT1809CS6 Datasheet HTML 17Page - Linear Technology LT1809CS6 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LT1809/LT1810
TYPICAL PERFOR A CE CHARACTERISTICS
±5V Large-Signal Response
5V Large-Signal Response
±5V Small-Signal Response
5V Small-Signal Response
Shutdown Response
Output Overdriven Recovery
VS = 5V, 0V
100ns/DIV
1809 G44
AV = +2
VIN
(1V/DIV)
VOUT
(2V/DIV)
0V
0V
VS = 5V, 0V
100ns/DIV
1809 G44
AV = +2
RL = 100Ω
0V
0V
VSHDN
VOUT
Distortion vs Frequency
Maximum Undistorted Output
Signal vs Frequency
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
1809 G38
–80
–90
–100
–110
AV = +2
VO = 2VP-P
VS = 5V
RL = 100Ω, 2ND
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
FREQUENCY (MHz)
0.1
4.3
4.4
4.5
4.6
1
10
100
1809 G39
4.2
4.1
4.0
3.9
VS = 5V
AV = –1
AV = +2
VS = ±5V
10ns/DIV
1809 G40
AV = +1
RL = 1k
VS = ±5V
10ns/DIV
1809 G41
AV = +1
RL = 1k
VS = 5V
10ns/DIV
1809 G42
AV = +1
RL = 1k
VS = 5V
10ns/DIV
1809 G43
AV = +1
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com