Electronic Components Datasheet Search
  English  ▼

X  

LT1809CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 8Page - Linear Technology LT1809CS8 Datasheet HTML 9Page - Linear Technology LT1809CS8 Datasheet HTML 10Page - Linear Technology LT1809CS8 Datasheet HTML 11Page - Linear Technology LT1809CS8 Datasheet HTML 12Page - Linear Technology LT1809CS8 Datasheet HTML 13Page - Linear Technology LT1809CS8 Datasheet HTML 14Page - Linear Technology LT1809CS8 Datasheet HTML 15Page - Linear Technology LT1809CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LT1809/LT1810
TYPICAL PERFOR A CE CHARACTERISTICS
Gain and Phase vs Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage
Slew Rate vs Temperature
FREQUENCY (Hz)
0
20
30
50
60
100k
10M
100M
1G
1809 G22
–20
1M
40
10
–10
–20
20
40
80
100
–60
60
0
–40
VS = ±5V
VS = ±5V
VS = 3V, 0V
PHASE
GAIN
VS = 3V, 0V
CL = 5pF
RL = 1k
TOTAL SUPPLY VOLTAGE (V)
0
190
8
1809 G23
180
170
185
175
165
160
35
45
55
40
50
2
4
6
10
TA = 25°C
RL = 1k
PHASE MARGIN
GAIN BANDWIDTH
TEMPERATURE (
°C)
–55
400
25
1809 G25
250
150
–25
0
50
100
50
450
350
300
200
75
100
125
AV = 1
RF = RG = 1k
RL = 1k
RISING AND FALLING
SLEW RATE
VS = ±5V
VS = 5V, 0V
Gain Bandwidth and Phase Margin
vs Temperature
TEMPERATURE (
°C)
–55
150
160
180
190
200
0
50
75
1809 G24
170
30
55
40
45
50
35
–25
25
100
125
VS = ±5V
VS = ±5V
VS = 3V, 0V
VS = 3V, 0V
GAIN BANDWIDTH
PHASE MARGIN
FREQUENCY (Hz)
–6
12
15
–9
–12
9
0
6
3
–3
100k
10M
100M
500M
1809 G26
–15
1M
VS = 3V
AV = +1
VS = ±5V
FREQUENCY (Hz)
–6
12
15
–9
–12
9
0
6
3
–3
100k
10M
100M
500M
1809 G27
–15
1M
VS = 3V
AV = +2
VS = ±5V
Closed-Loop Gain vs Frequency
Closed-Loop Gain vs Frequency
Input Noise Current vs Frequency
0.1Hz to 10Hz
Output Voltage Noise
Input Noise Voltage vs Frequency
FREQUENCY (kHz)
0.1
40
50
60
70
80
1
10
100
1809 G19
30
20
10
0
90
100
VS = 5V, 0V
NPN ACTIVE
VCM = 4.5V
PNP ACTIVE
VCM = 2.5V
FREQUENCY (kHz)
0.1
0
12
16
20
1
10
100
1809 G20
8
4
VS = 5V, 0V
PNP ACTIVE
VCM = 2.5V
NPN ACTIVE
VCM = 4.5V
TIME (2 SEC/DIV)
2
6
10
1809 G21
–2
–6
0
4
8
–4
–8
–10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com