Electronic Components Datasheet Search
  English  ▼

X  

LT1809CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 11Page - Linear Technology LT1809CS8 Datasheet HTML 12Page - Linear Technology LT1809CS8 Datasheet HTML 13Page - Linear Technology LT1809CS8 Datasheet HTML 14Page - Linear Technology LT1809CS8 Datasheet HTML 15Page - Linear Technology LT1809CS8 Datasheet HTML 16Page - Linear Technology LT1809CS8 Datasheet HTML 17Page - Linear Technology LT1809CS8 Datasheet HTML 18Page - Linear Technology LT1809CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LT1809/LT1810
APPLICATIO S I FOR ATIO
Rail-to-Rail Characteristics
The LT1809/LT1810 have an input and output signal
range that includes both negative and positive power
supply. Figure 1 depicts a simplified schematic of the
amplifier. The input stage is comprised of two differential
amplifiers, a PNP stage Q1/Q2 and a NPN stage Q3/Q4
that are active over different ranges of common mode
input voltage. The PNP differential pair is active for
common mode voltages between the negative supply to
approximately 1.5V below the positive supply. As the
input voltage moves closer toward the positive supply,
the transistor Q5 will steer the tail current I1 to the current
mirror Q6/Q7, activating the NPN differential pair and
causing the PNP pair to become inactive for the rest of the
input common mode range up to the positive supply.
A pair of complementary common emitter stages
Q14/Q15 form the output stage, enabling the output to
swing from rail-to-rail. The capacitors C1 and C2 form the
local feedback loops that lower the output impedance at
high frequency. These devices are fabricated on Linear
Technology’s proprietary high speed complementary
bipolar process.
Power Dissipation
The LT1809/LT1810 amplifiers combine high speed with
large output current in a small package, so there is a need
to ensure that the die’s junction temperature does not
exceed 150
°C. The LT1809 is housed in an SO-8 package
or a 6-lead SOT-23 package and the LT1810 is in an SO-8
or 8-lead MSOP package. All packages have the V – supply
pin fused to the lead frame to enhance the thermal conduc-
tance when connecting to a ground plane or a large metal
trace. Metal trace and plated through-holes can be used to
spread the heat generated by the device to the backside of
the PC board. For example, on a 3/32" FR-4 board with 2oz
copper, a total of 660 square millimeters connected to
Pin 4 of LT1810 in an SO-8 package (330 square millime-
ters on each side of the PC board) will bring the thermal
resistance,
θJA, to about 85°C/W. Without extra metal
trace connected to the V– pin to provide a heat sink, the
thermal resistance will be around 105
°C/W. More infor-
mation on thermal resistance for all packages with various
metal areas connecting to the V – pin is provided in Tables
1, 2 and 3 for thermal consideration.
Q4
Q6
Q3
Q7
Q10
Q1
Q13
Q15
OUT
Q2
Q11
Q12
Q9
Q5
VBIAS
I1
D2
D1
D5
D4
D3
D6
D7
D8
ESDD2
ESDD1
+IN
–IN
ESDD3
ESDD4
V+
V+
Q8
R2
R1
R3
R4
R5
Q14
1809 F01
I2
C2
CC
V–
C1
BUFFER
AND
OUTPUT BIAS
Q17
Q16
ESDD5
SHDN
V+
R7
100k
R6
10k
D9
V+
V–
V–
V–
V–
ESDD6
BIAS
GENERATION
Figure 1. LT1809 Simplified Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com