Electronic Components Datasheet Search
  English  ▼

X  

LT1810CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1810CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1810CS8 Datasheet HTML 16Page - Linear Technology LT1810CS8 Datasheet HTML 17Page - Linear Technology LT1810CS8 Datasheet HTML 18Page - Linear Technology LT1810CS8 Datasheet HTML 19Page - Linear Technology LT1810CS8 Datasheet HTML 20Page - Linear Technology LT1810CS8 Datasheet HTML 21Page - Linear Technology LT1810CS8 Datasheet HTML 22Page - Linear Technology LT1810CS8 Datasheet HTML 23Page - Linear Technology LT1810CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LT1809/LT1810
TYPICAL APPLICATIO S
Single Supply Video Line Driver
The LT1809 is a wideband rail-to-rail op amp with a large
output current that allows it to drive video signals in low
supply applications. Figure 8 depicts a single supply video
line driver with AC coupling to minimize the quiescent
power dissipation. Resistors R1 and R2 are used to level-
shift the input and output to provide the largest signal
swing. A gain of 2 is set up with R3 and R4 to restore the
signal at VOUT, which is attenuated by 6dB due to the
matching of the 75
Ω line with the back-terminated
resistor, R5. The back termination will eliminate any re-
flection of the signal that comes from the load. The input
termination resistor, RT, is optional—it is used only if
matching of the incoming line is necessary. The values of
C1, C2 and C3 are selected to minimize the droop of the
luminance signal. In some less stringent requirements,
the value of capacitors could be reduced. The – 3dB band-
width of the driver is about 95MHz on 5V supply and the
amount of peaking will vary upon the value of capacitor C4.
–
+
LT1809
VIN
1809 F08
C1
33
µF
C2
150
µF
RT
75
Ω
RLOAD
75
Ω
VOUT
R2
5k
R3
1k
R4
1k
C4
3pF
R1
5k
5V
2
3
6
7
4
R5
75
Ω
75
Ω
COAX CABLE
C3
1000
µF
+
FREQUENCY (MHz)
–2
4
5
–3
–4
3
0
2
1
–1
0.2
10
100
1809 F09
–5
1
VS = 5V
Figure 8. 5V Single Supply Video Line Driver
Figure 9. Video Line Driver Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com