Electronic Components Datasheet Search
  English  ▼

X  

LT1810CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1810CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1810CS8 Datasheet HTML 16Page - Linear Technology LT1810CS8 Datasheet HTML 17Page - Linear Technology LT1810CS8 Datasheet HTML 18Page - Linear Technology LT1810CS8 Datasheet HTML 19Page - Linear Technology LT1810CS8 Datasheet HTML 20Page - Linear Technology LT1810CS8 Datasheet HTML 21Page - Linear Technology LT1810CS8 Datasheet HTML 22Page - Linear Technology LT1810CS8 Datasheet HTML 23Page - Linear Technology LT1810CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LT1809/LT1810
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 qwww.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
sn180910 180910fs LT/TP 1100 4K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1395
400MHz Current Feedback Amplifier
800V/
µs Slew Rate, Shutdown
LT1632/LT1633
Dual/Quad 45MHz, 45V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 1.35mV VOS(MAX), 70mA Output Current,
Max Supply Current 5.2mA per Amplifier
LT1630/LT1631
Dual/Quad 30MHz, 10V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 525
µV VOS(MAX), 70mA Output Current,
Max Supply Current 4.4mA per Amplifier
LT1806/LT1807
Single/Dual 325MHz, 140V/
µs Rail-to-Rail
High DC Accuracy, 550
µV VOS(MAX), Low Noise 3.5nV/√Hz,
Input and Output Op Amps
Low Distortion –80dBc at 5MHz
Figure 10. Single 3V Supply, 4MHz, 4th Order Butterworth Filter
TYPICAL APPLICATIO
RELATED PARTS
Single 3V Supply, 4MHz, 4th Order Butterworth Filter
Benefiting from a low voltage supply operation, low
distortion and rail-to-rail output of LT1809, a low distor-
tion filter that is suitable for antialiasing can be built as
shown Figure 10. On a 3V supply, the filter has a pass-
band of 4MHz with 2.5VP-P signal and a stopband that is
greater than 70dB to frequency of 100MHz.
+
–
VS
2
47pF
1/2 LT1810
220pF
665
Ω
VIN
VOUT
1809 F10
232
Ω
232
Ω
+
–
22pF
470pF
562
Ω
274
Ω
274
Ω
1/2 LT1810
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1809 F11
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = 3V, 0V
VIN = 2.5VP-P
Figure 11. Filter Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com