Electronic Components Datasheet Search
  English  ▼

X  

LT1812CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1812CS8
Description  3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1812CS8 Datasheet HTML 5Page - Linear Technology LT1812CS8 Datasheet HTML 6Page - Linear Technology LT1812CS8 Datasheet HTML 7Page - Linear Technology LT1812CS8 Datasheet HTML 8Page - Linear Technology LT1812CS8 Datasheet HTML 9Page - Linear Technology LT1812CS8 Datasheet HTML 10Page - Linear Technology LT1812CS8 Datasheet HTML 11Page - Linear Technology LT1812CS8 Datasheet HTML 12Page - Linear Technology LT1812CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1812
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1812 G20
20
0
100
–PSRR
+PSRR
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1812 G21
20
0
100
TA = 25°C
VS = ±5V
Slew Rate vs Supply Voltage
Slew Rate vs Supply Voltage
Slew Rate vs Input Level
SUPPLY VOLTAGE (
±V)
0
200
300
500
600
700
1200
900
2
4
5
1812 G22
400
1000
1100
800
1
3
6
7
TA =25°C
AV = –1
VIN = VS(TOTAL)/2
RF = RG = RL = 500Ω
SR+
SR–
SUPPLY VOLTAGE (
±V)
0
200
300
2
4
5
1812 G23
400
500
600
1
3
6
7
TA =25°C
AV = –1
VIN = ±1V
RF = RG = RL = 500Ω
SR–
SR+
INPUT LEVEL (VP-P)
0
200
600
1200
2
4
5
1812 G24
400
1000
800
1
3
6
78
TA =25°C
AV = –1
VS = ±5V
RF = RG = RL = 500Ω
SR–
SR+
Slew Rate vs Temperature
Total Harmonic Distortion + Noise
vs Frequency
Undistorted Output Swing
vs Frequency
FREQUENCY (Hz)
100k
5
6
7
8
9
1M
10M
100M
1812 G27
4
3
1
0
2
AV = – 1
AV = 1
TA = 25°C
VS = ± 5V
RL = 100Ω
2% MAX DISTORTION
FREQUENCY (Hz)
10
100
0.001
0.002
0.005
0.01
1k
10k
100k
1812 G26
AV = –1
AV = 1
TA = 25°C
VS = ± 5V
VO = 2VP-P
RL = 500Ω
TEMPERATURE (
°C)
–50
800
1000
1200
25
75
1812 G25
600
400
–25
0
50
100
125
200
0
SR–
VS = ±5V
SR+
VS = ±5V
SR–
VS = ±2.5V
SR+
VS = ±2.5V
Shutdown Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
40
50
70
25
75
1812 G14
30
20
–25
0
50
100
125
10
0
60
VSHDN = V
– + 0.4V
VS = ±5V
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com