Electronic Components Datasheet Search
  English  ▼

X  

L30 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # L30
Description  General Purpose Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

L30 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  L30 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd L30 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
General Purpose Double Diode
BAV23
Features
Small plastic SMD package
Switching speed: max. 50 ns
General application
Continuous reverse voltage:max. 200 V
Repetitive peak reverse voltage:max. 250 V
Repetitive peak forward current:max. 625 mA.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Test Condition
Min
Max
Unit
repetitive peak reverse voltage
VRRM
250
V
repetitive peak reverse voltage
VRRM
series connection
500
V
continuous reverse voltage
VR
200
V
continuous reverse voltage
VR
series connection
400
V
single diode loaded
225
mA
double diode loaded
125
mA
repetitive peak forward current
IFRM
single diode loaded
625
mA
square wave; Tj =25 prior to surge
t= 1
s
9
t = 100
s
3
t = 10 ms
1.7
total power dissipation
Ptot
Tamb = 25
250
mW
storage temperature
Tstg
-65
+150
junction temperature
Tj
150
thermal resistance from junction to tie-point
Rth j-tp
360
K/W
thermal resistance from junction to ambient
Rth j-a
500
K/W
continuous forward current
IF
A
non-repetitive peak forward current
IFSM


Similar Part No. - L30

ManufacturerPart #DatasheetDescription
logo
Powerbox
L30 POWERBOX-L30 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Texas Instruments
L30-Q1 TI1-L30-Q1 Datasheet
839Kb / 18P
NANOPOWER SUPERVIDORY CIRCUITS
logo
STMicroelectronics
L3000 STMICROELECTRONICS-L3000 Datasheet
281Kb / 29P
SUBSCRIBER LINE INTERFACE KIT
Jun-1997
L3000N STMICROELECTRONICS-L3000N Datasheet
412Kb / 32P
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Nov-1994
L3000NSO STMICROELECTRONICS-L3000NSO Datasheet
412Kb / 32P
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Nov-1994
More results

Similar Description - L30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
General purpose double diode
1996 Sep 17
BAV23S PHILIPS-BAV23S Datasheet
52Kb / 8P
General purpose double diode
1999 May 05
BC817DS115 NXP-BC817DS115 Datasheet
135Kb / 7P
NPN general purpose double
2002 Nov 22
logo
Cherry Semiconductor Co...
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
GENERAL PURPOSE ??DOUBLE POLE
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
NPN general purpose double transistor
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
PNP general purpose double transistor
logo
ZF Friedrichshafen AG
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
Double Pole General Purpose
logo
Nexperia B.V. All right...
BC857BS-Q NEXPERIA-BC857BS-Q Datasheet
238Kb / 12P
PNP general purpose double transistor
29 June 2021
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
NPN general-purpose double transistors
Rev. 04 - 18 December 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com