Electronic Components Datasheet Search
  English  ▼

X  

L30 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # L30
Description  General Purpose Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

L30 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  L30 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd L30 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAV23
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Condition
Min
Max
Unit
IF = 100 mA
1.0
V
IF = 200 mA
1.25
V
series connection
IF = 100 mA
2.0
V
IF = 200 mA
2.5
V
VR = 200 V
100
nA
VR = 200 V; Tj = 150
100
A
series connection
VR = 60 V
100
nA
VR =60V;Tj =150
100
A
f= 1MHz;VR =0
5
pF
series connection; f = 1 MHz;VR =0
2.5
pF
when switched from IF =30mA to,IR =30mA;
RL = 100
; measured at IR =30mA
ns
reverse recovery time
trr
50
diode capacitance
Cd
forward voltage
forward voltage
VF
VF
reverse current
IR
reverse current
IR
Marking
Marking
L30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com