Electronic Components Datasheet Search
  English  ▼

X  

LT1912 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1912
Description  36V, 2A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1912 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1912 Datasheet HTML 15Page - Linear Technology LT1912 Datasheet HTML 16Page - Linear Technology LT1912 Datasheet HTML 17Page - Linear Technology LT1912 Datasheet HTML 18Page - Linear Technology LT1912 Datasheet HTML 19Page - Linear Technology LT1912 Datasheet HTML 20Page - Linear Technology LT1912 Datasheet HTML 21Page - Linear Technology LT1912 Datasheet HTML 22Page - Linear Technology LT1912 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT1912
19
1912f
TYPICAL APPLICATIONS
5V Step-Down Converter
3.3V Step-Down Converter
SW
FB
VC
RT
VIN
BD
VIN
6.8V TO 36V
VOUT
5V
2A
4.7μF
0.47μF
47μF
100k
f = 500kHz
D: DIODES INC. DFLS240L
L: TAIYO YUDEN NP06DZB6R8M
D
16.2k
68.1k
L
6.8μH
536k
GND
470pF
ON OFF
LT1912
1912 TA02
RUN/SS
BOOST
SYNC
SW
FB
VC
RT
VIN
BD
VIN
4.4V TO 36V
VOUT
3.3V
2A
4.7μF
0.47μF
47μF
100k
f = 500kHz
D: DIODES INC. DFLS240L
L: TAIYO YUDEN NP06DZB4R7M
D
20k
68.1k
L
6.8μH
316k
GND
470pF
ON OFF
LT1912
1912 TA03
RUN/SS
BOOST
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com