Electronic Components Datasheet Search
  English  ▼

X  

TC04 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC04
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC04 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC04 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC04 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC04 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC04 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-5
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
LOW POWER, BANDGAP VOLTAGE REFERENCES
GENERAL DESCRIPTION
The TC04 (1.25V output) and TC05 (2.5V output) bipo-
lar, two-terminal, bandgap voltage references offer preci-
sion performance without premium price. These devices
do not require thin-film resistors, greatly lowering manufac-
turing complexity and cost.
A 50ppm/
°C output temperature coefficient and 15µA
to 20mA operating current range make these devices at-
tractive for multimeter, data acquisition converter, and tele-
communication voltage references.
FEATURES
s
Temperature Coefficient ......................... 50ppm/
°C
s
Wide Operating Current Range
TC04 ............................................ 15
µA to 20mA
TC05 ............................................ 20
µA to 20mA
s
Dynamic Impedance ............................................ 1
Ω
s
Output Tolerance ........................................ Typ. 2%
s
Output Voltage Option
TC04 ........................................................... 1.25V
TC05 ............................................................. 2.5V
s
TO-92 Plastic Package
s
8-Pin Plastic Narrow Body SOIC Package
APPLICATIONS
s
ADC and DAC Reference
s
Current Source Generation
s
Threshold Detectors
s
Power Supplies
s
Multimeters
TC04/5-6 8/23/96
TC04A
TC04B
TC05A
TC05B
ORDERING INFORMATION
Temperature
Max. Temperature
Part No.
Package
Range
Voltage
Coefficient
TC04ACOA
8-Pin SOIC
0
°C to +70°C
1.25V
50ppm/
°C
TC04ACZM
TO-92-2
0
°C to +70°C
1.25V
50ppm/
°C
TC04BCOA
8-Pin SOIC
0
°C to +70°C
1.25V
100ppm/
°C
TC04BCZM
TO-92-2
0
°C to +70°C
1.25V
100ppm/
°C
TC05ACOA
8-Pin SOIC
0
°C to +70°C
2.5V
50ppm/
°C
TC05ACZM
TO-92-2
0
°C to +70°C
2.5V
50ppm/
°C
TC05BCOA
8-Pin SOIC
0
°C to +70°C
2.5V
100ppm/
°C
TC05BCZM
TO-92-2
0
°C to +70°C
2.5V
100ppm/
°C
PIN CONFIGURATIONS
NC = NO INTERNAL CONNECTION
1
2
3
4
8
7
6
5
NC
NC
NC
+IN
NC
NC
NC
–IN
12
TO-92-2 Plastic (BOTTOM VIEW)
TC04ACZM
TC04BCZM
TC05ACZM
TC05BCZM
8-Pin Plastic SOIC
TC04ACOA
TC04BCOA
TC05ACOA
TC05BCOA


Similar Part No. - TC04

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0402A TAI-SAW-TC0402A Datasheet
263Kb / 6P
SAW Resonator 915.5 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
SAW Resonator 916 MHz SMD 3.8X3.8 mm
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
SAW Resonator 315 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
More results

Similar Description - TC04

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
LOW POWER, BANDGAP VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
Precision Low Power FGA??Voltage References
August 1, 2006
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
June 4, 2007
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
Precision Low Power FGA??Voltage References
December 16, 2010
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
Precision Low Power FGA Voltage References
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com