Electronic Components Datasheet Search
  English  ▼

X  

TC04 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC04
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC04 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC04 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC04 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC04 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC04 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3-8
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS
1000
100
1
0.1
0
0.25
0.5
0.75
1.0
1.25
1.5
OUTPUT VOLTAGE (V)
TA = +25°C
10
TC04: Output Voltage vs
Reverse Current
10
8
6
4
2
0
0.01
0.1
1
10
100
REVERSE CURRENT (mA)
TC04: Output Voltage Change
vs Reverse Current
TA = +25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
TC04: Forward Voltage vs
Forward Current
TA = +25°C
OUTPUT
INPUT
5.0
0
1.5
1.0
0.5
0
0
200
400
600
TIME (
µsec)
TC04
Response Time
TA = +25°C
10.0
1000
100
1
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
10
TC05: Output Voltage vs
Reverse Current
10
8
6
4
2
0
0.01
0.1
1
10
100
REVERSE CURRENT (mA)
TC05: Output Voltage Change
vs Reverse Current
TA = +25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
TC05: Forward Voltage vs
Forward Current
TA = +25°C
OUTPUT
INPUT
5
0
3
2
1
0
0
200
400
600
TIME (
µsec)
TC05
Response Time
10
TA = +25°C
TA = +25°C
TC04A
TC04B
TC05A
TC05B
LOW POWER, BANDGAP
VOLTAGE REFERENCES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com