Electronic Components Datasheet Search
  English  ▼

X  

LT1935ES5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1935ES5
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935ES5 Datasheet(HTML) 1 Page - Linear Technology

  LT1935ES5 Datasheet HTML 1Page - Linear Technology LT1935ES5 Datasheet HTML 2Page - Linear Technology LT1935ES5 Datasheet HTML 3Page - Linear Technology LT1935ES5 Datasheet HTML 4Page - Linear Technology LT1935ES5 Datasheet HTML 5Page - Linear Technology LT1935ES5 Datasheet HTML 6Page - Linear Technology LT1935ES5 Datasheet HTML 7Page - Linear Technology LT1935ES5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1935
1935f
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
1.2MHz Boost DC/DC
Converter in ThinSOT
with 2A Switch
■ 1.2MHz Switching Frequency
■ High Output Voltage: Up to 38V
■ Wide Input Range: 2.3V to 16V
■ Low VCESAT Switch: 180mV at 2A
■ Soft-Start
■ Uses Small Surface Mount Components
■ 5V at 1A from 3.3V Input
■ 12V at 600mA from 5V Input
■ Low Shutdown Current: < 1µA
■ Pin-for-Pin Compatible with the LT1613 and LT1930
■ Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
The LT
®1935 is the industry’s highest power SOT-23
switching regulator. Its unprecedented 2A, 40V internal
switch allows high output currents to be generated in a
small footprint. Intended for space-conscious applica-
tions, the LT1935 switches at 1.2MHz, allowing the use of
tiny, low profile inductors and capacitors 2mm or less in
height. The NPN switch achieves a VCESAT of just 180mV
at 2A independent of supply voltage, resulting in high
efficiency even at maximum power levels from a 3V input.
A constant frequency, internally compensated, current
mode PWM architecture results in low, predictable output
noise that is easy to filter. Low ESR ceramic capacitors can
be used on the output, further reducing noise to the
millivolt level. The high voltage switch on the LT1935 is
rated at 40V, making the device ideal for boost converters
up to 38V as well as for single-ended primary inductance
converter (SEPIC) and flyback designs. The device can
generate 5V at up to 1A from a 3.3V supply or 5V at 550mA
from four alkaline cells in a SEPIC design.
The LT1935 is available in a 5-lead SOT-23 package.
Figure 1. 5V to 12V, 600mA Step-Up DC/DC Converter
■ Digital Cameras
■ Battery Backup
■ LCD Bias
■ Local 5V or 12V Supply
■ PC Cards
■ xDSL Power Supply
■ TFT-LCD Bias Supply
, LTC and LT are registered trademarks of Linear Technology Corporation.
GND
VIN
SW
SHDN
FB
VIN
5V
D1
L1
4.2µH
84.5k
LT1935
1935 F01
10µF
4.7µF
10k
VOUT
12V
600mA
D1: ON SEMI MBRM120
L1: SUMIDA CDRH5D28-4R2
ON OFF
ThinSOT is a trademark of Linear Technology Corporation.
LOAD CURRENT (mA)
0
600
1935 F01b
200
100
300
500
700
400
90
85
80
75
70
65
60
55
50
VIN = 5V
VIN = 3.3V
Efficiency, VOUT = 12V


Similar Part No. - LT1935ES5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935ES5 LINEAR-LT1935ES5 Datasheet
185Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results

Similar Description - LT1935ES5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com