Electronic Components Datasheet Search
  English  ▼

X  

LT1935ES5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1935ES5
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935ES5 Datasheet(HTML) 5 Page - Linear Technology

  LT1935ES5 Datasheet HTML 1Page - Linear Technology LT1935ES5 Datasheet HTML 2Page - Linear Technology LT1935ES5 Datasheet HTML 3Page - Linear Technology LT1935ES5 Datasheet HTML 4Page - Linear Technology LT1935ES5 Datasheet HTML 5Page - Linear Technology LT1935ES5 Datasheet HTML 6Page - Linear Technology LT1935ES5 Datasheet HTML 7Page - Linear Technology LT1935ES5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1935
1935f
APPLICATIONS INFORMATION
Inductor Selection
Use inductors that are intended for high frequency power
applications. The saturation current rating should be at
least 2A. The RMS current rating, which is usually based
on heating of the inductor, should be higher than the
average current in the inductor in your application. For
best efficiency, the DC resistance should be less than
100mΩ.
A good first choice for the inductor value results in a ripple
current that is 1/3 of the maximum switch current:
L = 3 (VIN/VOUT) (VOUT – VIN)/(IMAX • f)
IMAX is the maximum switch current of 2A and f is the
switching frequency. At lower duty cycles (less than 70%),
this value can be lowered somewhat in order to use a
physically smaller inductor.
Table 1 lists several inductor manufacturers, along with
part numbers for inductors that are a good match to the
LT1935.
Table 1. Inductor Suppliers
Supplier
Model Prefix
Sumida
CDRH4D18, CDRH4D28,
CDRH5D18, CDRH5D28, CR43
Coiltronics/Cooper
SD10, SD12, SD18, SD20
Wurth Elektronik
WE-PD2S, WE-PD3S, WE-PD4S
Coilcraft
MSS5131, MSS6132, DO1608
Diode Selection
Use a Schottky rectifier with a 1A or higher current rating,
such as the On Semiconductor MBRM120. Its 20V reverse
voltage rating is adequate for most applications. Higher
output voltages may require a 30V of 40V diode.
Capacitor Selection
Use capacitors with low ESR (equivalent series resis-
tance). In most cases, multilayer ceramic capacitors are
the best choice. They offer high performance (very low
ESR) in a small package. Use only X5R or X7R types; they
maintain their capacitance over temperature and applied
voltage. Other suitable capacitor types include low-ESR
tantalum capacitors that are specified for power applica-
tions, and newer types of capacitors such as Sanyo’s
POSCAP and Panasonic’s SP CAP.
Use a 4.7µF ceramic capacitor to bypass the input of the
LT1935. Be aware that the switching regulators require a
low impedance input supply. Additional bulk capacitance
may be required if the LT1935 circuit is more than a few
inches away from the power source. If there are low ESR
capacitors nearby, the input bypass capacitor can be
reduced to 2.2µF.
The output capacitor supports the output under transient
loads and stabilizes the control loop of the LT1935. Look
at the typical application circuits as a starting point to
choose a value. Generally, a higher output capacitance is
required at higher load currents and lower input voltages.
Figure 3 shows transient response of the circuit in Fig-
ure 1. The load is stepped from 200mA to 400mA and back
to 200mA. The transient performance can be improved by
increasing the output capacitance, but may require a
phase lead capacitor between the output and the FB pin.
Figure 4 shows the transient response with the output
capacitor increased to 20µF. Figure 5 shows the additional
improvement resulting from the phase lead capacitor.
Figure 4. Transient Response with COUT = 20µF
Figure 3. Transient Response of the Circuit in Figure 1,
COUT = 10µF
..
VOUT
100mV/DIV
ILOAD
200mA/DIV
50µs/DIV
1935 F03
0
VOUT
100mV/DIV
ILOAD
200mA/DIV
50µs/DIV
1935 F04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com