Electronic Components Datasheet Search
  English  ▼

X  

TC170 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC170
Description  CMOS CURRENT MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC170 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC170 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-119
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC170
CMOS CURRENT MODE PWM CONTROLLER
FEATURES
s
Low Supply Current With
CMOS Technology ................................. 3.8mA Max
s
Internal Reference ............................................. 5.1V
s
Fast Rise/Fall Times (CL = 1000pF) ............. 50nsec
s
Dual Push-Pull Outputs
s
Direct-Power MOSFET Drive
s
High Totem-Pole Output Drive .................... 300mA
s
Differential Current-Sense Amplifier
s
Programmable Current Limit
s
Soft-Start Operation
s
Double-Pulse Suppression
s
Undervoltage Lockout
s
Wide Supply Voltage Operation ............... 8V to16V
s
High Frequency Operation .......................... 200kHz
s
Available with Low OFF State Outputs
s
Low Power, Pin-Compatible Replacement for UC3846
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC170COE
16-Pin SOIC (Wide)
0
°C to +70°C
TC170CPE
16-Pin Plastic DIP (Narrow) 0
°C to +70°C
GENERAL DESCRIPTION
The TC170 brings low-power CMOS technology to the
current-mode-switching power supply controller market.
Maximum supply current is 3.8 mA. Bipolar current-mode
control integrated circuits require five times more operating
current.
The dual totem-pole CMOS outputs drive power
MOSFETs or bipolar transistors. The 50nsec typical output
rise and fall times (1000pF capacitive loads) minimize
MOSFET power dissipation. Output peak current is 300mA.
The TC170 contains a full array of system-protection
circuits (see features).
Current-mode control lets users parallel power supply
modules. Two or more TC170 controllers can be slaved
together for parallel operation. Circuits can operate from a
master TC170 internal oscillator or an external system
oscillator.
The TC170 operates from an 8V to 16V power supply.
An internal 2%, 5.1V reference minimizes external compo-
nent count. The TC170 is pin compatible with the Unitrode
UC1846/2846/3846 bipolar controller.
Other advantages inherent in current-mode control in-
clude superior line and load regulation and automatic sym-
metry correction in push-pull converters.
5.1-VOLT
REFERENCE
OSCILLATOR
× 3.15 CURRENT
AMPLIFIER
PWM
COMPARATOR
POSITIVE
FEEDBACK
15
9
10
3
4
7
5
8
6
VIN
SYNC
(–) CURRENT
SENSE INPUT
(+) CURRENT
SENSE INPUT
COMP
(+) ERROR
AMP INPUT
(–) ERROR
AMP INPUT
ERROR
AMPLIFIER
100µA
0.75V
LIMIT BUFFER
AMPLIFIER
Q4
350mV
LOCK-UP
AMPLIFIER
Q3
Q1
Q2
3.5k
Ω
SHUTDOWN
COMPARATOR
350
mV
6k
Ω
SHUTDOWN
CURRENT LIMIT/
SOFT-START ADJUST
NOTE: Outputs low in
OFF state.
16
1
S
S
R
Q
C
DQ
Q
GROUND
VDD
OUTPUT
A (
)
12
14
11
13
PWM LATCH
TC170
VREF
2
–
+
RO
CO
VDD
+
–
–
+
+
–
+
–
+
–
UNDERVOLTAGE
LOCKOUT
OUTPUT
B (
)
TC170-5 10/1/96
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - TC170

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
CMOS Current Mode PWM Controller
2002
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-101M PRODUCTWELL-TC1709D-101M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-300M PRODUCTWELL-TC1709D-300M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results

Similar Description - TC170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
CMOS CURRENT MODE PWM CONTROLLER?
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
CMOS Current Mode PWM Controller
2002
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
CMOS Current-Mode PWM Voltage Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com