Electronic Components Datasheet Search
  English  ▼

X  

TC170 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC170
Description  CMOS CURRENT MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC170 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC170 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC170 Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-123
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
CMOS CURRENT MODE
PWM CONTROLLER
TC170
4
3
3.15 CURRENT-
SENSE
AMPLIFIER
C
R*
(A) Ground Reference
*OPTIONAL RC FILTER
I
I
4
3
TC170
VOUT
RS
(B) Above-Ground Resistive Sensing
TC170
RS
3.15 CURRENT-
SENSE AMPLIFIER
×
×
+
–
+
–
Figure 1.
R1 and R2 Set Maximum Peak Output Current
Figure 2.
Resistive Sensing
TC170
SWITCH
CURRENT
3.15 CURRENT-SENSE
×
0.75V
–
+
4
3
7
5
6
VDD
100 A
µ
V1
ERROR
AMPLIFIER
POSITIVE
FEEDBACK
Q2
350mV
Q3
SHUTDOWN
COMPARATOR
350mV
6k
Q4
FROM
UNDERVOLTAGE
LOCKOUT
10
PWM LATCH
S
S
R
Q
LOCK-UP
AMPLIFIER
I L
3.5k
Q1
PWM COMPARATOR
"A" = 1
OUTPUT
OFF (LOW)
VREF
5.1V
2
V1
R2
16
LIMIT
BUFFER
AMPLIFIER
RS
R1
AMPLIFIER
1
+
–
+
–
+
–
+
–
–
+
+
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com