Electronic Components Datasheet Search
  English  ▼

X  

TC38C43 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC38C43
Description  BiCMOS CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC38C43 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC38C43 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-98
TELCOM SEMICONDUCTOR, INC.
TC18C43
TC28C43
TC38C43
BiCMOS CURRENT MODE
PWM CONTROLLERS
TYPICAL CHARACTERISTICS
150
145
140
135
130
125
120
115
110
105
100
–40 –20 0
20 40 60 80 100 120 140
–60
MAX TYP
MIN TYP
TEMPERATURE (
°C)
VIN = VSTART
Start Current vs. Temperature
101
100
99
98
97
96
–60 –40 –20 0
20 40 60 80 100120 140
TEMPERATURE (
°C)
VIN = 15V
Oscillator Frequency Changes
vs. Temperature
150
140
130
120
110
100
–55
90
0
255070
125
TEMPERATURE (
°C)
ISENSE to Out Delay
IRAMP
10k
5k
10k
CT
100k
5k
Q1
RT
CMPTR
VFB
ISENSE
RT/CT
VREF
VIN
OUTPUT
GND
1
µF
RL = 1k, 1W
4.7
µF
VDD (15V)
GND
2N2222
OR EQUIV
1
2
3
4
8
7
6
5
BENCH TEST OPERATIONAL SIMULATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com