Electronic Components Datasheet Search
  English  ▼

X  

TC38C43 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC38C43
Description  BiCMOS CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC38C43 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC38C43 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-97
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC18C43
TC28C43
TC38C43
BiCMOS CURRENT MODE
PWM CONTROLLERS
Dead Time
The value of RT has an effect on the discharge rate but
the primary consideration is the value of CT. The time
required to discharge the capacitor is approximately 1000
CT.
Undervoltage Lockout Range
The TCx8C43 PWM Controller is used where wide
ranges of input voltage is not required. The range from
starting Vin voltage threshold to under voltage threshold is
approximately 9.5% of the starting voltage. The typical start-
up voltage is 8.4V and dropout voltage is 7.6V. This range
is used most in DC-to-DC converter applications.
Duty Cycle Limit
The TCx8C43 PWM Controller has a duty cycle limit
maximum of 99%. The oscillator is running at the same
frequency as the output.
Current is sensed through voltage drop across resistor
RS. A small RC filter may be required to suppress switching
transient. This voltage enters PWM Controller at ISENSE,
pin 5. A voltage of 0.4 V is added before this is fed into PWM
Comparator (+) input. The PWM Comparator (–) input
senses the voltage feedback error amp output with a limit
buffer that limits this voltage to 1.4V maximum. This limit
buffer limits the peak current across RS to a maximum of
0.95V. In normal operation, the error amplifier controls the
current limit threshold.
Shutdown can be accomplished by either pulling ISENSE
above 1 volt or pulling CMPTR, pin 1 to GND. This will set the
PWM latch so that the output will remain low until the next
clock pulse after the shutdown condition is removed.
SHUTDOWN METHODS
TCx8C43
VON = 8.4V
VOFF = 7.6V
IS
7.6V
8.4 V
1mA
170
µA
VDD
VIN
TCx8C43
ERROR AMP
+
–
LIMIT BUFFER
+
–
1.4V
2R
R
GND
+
–
C
R
ISENSE
5
0.4V
PWM
COMPARATOR
9
RS
PEAK CURRENT (IS) FORMULA:
IS =
0.95V
RS
CURRENT SENSE CIRCUIT
ISENSE
5
TCx38C43
VREF
SHUTDOWN
14
TO CURRENT
SENSE RESISTOR
5k
5.1k
9
TCx38C43
SHUTDOWN
ANALOG
GND
CMPTR
1
BENCH TEST OPERATIONAL SIMULATION
The timing ramp (RT/CT) is buffered by the emitter
fullpower and fed back to the ISENSE input. This ramp
simulates the dI/dT current ramp which would flow through
the primary of the transformer. The output voltage of the
power supply is simulated by feeding some of the reference
voltage into VFB. The combination of the two levels deter-
mined the operating characteristics of the current mode
controller.
UNDERVOLTAGE LOCKOUT RANGE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com