Electronic Components Datasheet Search
  English  ▼

X  

TC14433COG Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC14433COG
Description  3-1/2 DIGIT A/D CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC14433COG Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC14433COG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 9Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
3-135
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT A/D CONVERTERS
TC14433
TC14433A
Figure 14. 3-1/2 Digit Voltmeter with Low Component Count Using Common Cathode Displays
X
CLK1
CLK0
OR
Q
Q
VSS
VDD
VEE
TC14433
INPUT
V
X
300k
RESISTOR
NETWORK
OR
INDIVIDUAL
RESISTOR*
R
+5V
MINUS
CONTROL
+5V
R
COMMON
CATHODE
LED DISPLAY
75492
OR
1413*
DIGIT DRIVERS
V
(MINUS)
EE**
ALTERNATE OVERRANGE CIRCUIT
WITH SEPARATED LED
+5V
OR
1/6
1/7
1413
75492
RR
OR
B1
A
B
C
D
LT
VSS VDD
a
b
c
d
e
f
g
I4511B
R /C
CC0 C0
For V
= 2000V
V : 1.999V full scale
For V
= 200 mV
V : 199.9 mV full scale
(change 470k to R = 27k
and decimal point position)
*To increase segment current
capability add two 75491 ICs
between 14511B and Resistor
Network. The use of the 1413
as digit driver increases digit
current capability over the 75492.
Peak digit current for an eight
displayed is 7 times the segment
current.
**V can range between –2.8 and
–11V.
470k 0.1
µF 0.1µF
DS DS DS DS
AG
V
V
DU
R
EOC
REF
V
REF
REF
11
1
1
2
0
1
Q2
43
2
1
M
RDP
1
LE
+5V
100k
Ω
TC04
27k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com