Electronic Components Datasheet Search
  English  ▼

X  

TC4432 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC4432
Description  1.5A HIGH-SPEED 30V MOSFET DRIVERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4432 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC4432 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4432 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4432 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4432 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-259
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
1.5A HIGH-SPEED 30V MOSFET DRIVERS
TC4431
TC4432
ELECTRICAL CHARACTERISTICS (Cont.):
Specifications measured over operating temperature range
with 5.0V
≤ VDD ≤ 30V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
—
—
V
VIL
Logic 0 Low Input Voltage
—
—
0.8
V
IIN
Input Current (Note 1)
0V
≤ VIN ≤ VDD (16V MAX)
– 1
—
1
µA
Output
VOH
High Output Voltage
IOUT = 100mA
VDD – 1.2
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
RO
Output Resistance
VDD = 30V, IO = 10mA
—
—
12
Ω
Switching Time (Note 2)
tR
Rise Time
Figure 1
—
—
60
nsec
tF
Fall Time
Figure 1
—
—
70
nsec
tD1
Delay Time
Figure 1
—
—
100
nsec
tD2
Delay Time
Figure 1
—
—
110
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
—
—
6
mA
VIN = 0V
—
—
0.7
VS
Start-up Threshold
—
8.4
10
V
VDO
Drop-out Threshold
(Note 3)
7
7.7
—
V
NOTES: 1. For inputs >16V, add a 1k
Ω resistor in series with the input. See graph on page 4 for input current.
2. Switching times are guaranteed by design.
3. For operation below 7V, the LOCK DIS., Pin 3 can be grounded to disable the lockout and start-up circuit.
PIN CONFIGURATIONS
TC4431
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
LOCK DIS
GND
TC4432
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
GND
2
7
INVERTING
NONINVERTING
OUT
NOTE: SOIC pinout is identical to DIP.
OUT
6
LOCK DIS
2
7
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com