Electronic Components Datasheet Search
  English  ▼

X  

TC4432 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4432
Description  1.5A HIGH-SPEED 30V MOSFET DRIVERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4432 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4432 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4432 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4432 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4432 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-260
TELCOM SEMICONDUCTOR, INC.
+5V
INPUT
10%
90%
10%
90%
10%
90%
VDD
OUTPUT
tD1
0V
0V
90%
10%
10%
10%
tF
90%
+5V
INPUT
VDD
OUTPUT
0V
0V
90%
OUTPUT
INPUT
0.1
µF
CL = 1000 pF
4.7
µF
VDD= 30V
Inverting Driver
4, 5
2
7
Noninverting Driver
tF
tD2
tR
tR
tD1
tD2
INPUT: 100 kHz, square wave,
tRISE = tFALL ≤ 10nsec
1, 8
6
3
LOCK DIS.
Supply Current vs. Capacitive Load
100
1000
10,000
2 MHz
600 kHz
200 kHz
20 kHz
900 kHz
V
= 12V
DD
C
(pF)
LOAD
60
50
40
30
20
10
0
Input Current vs. Input Voltage
Input Voltage (VIN)
50
3
6
12
15
18
21
24
27
30
9
40
30
20
10
0
WITHOUT 1K RES.
45
35
25
15
5
WITH 1K RES.
Rise/Fall Time vs. VDD
CLOAD = 1000pf at 25 C
VDD (VOLTS)
3
6
12
15
18
21
24
27
30
9
150
125
100
75
50
25
0
TR
TD1 and TD2 Delay vs. VDD
CLOAD = 1000pf at 25 C
VDD (VOLTS)
3
6
12
15
18
21
24
27
30
9
300
250
200
150
100
50
0
TD2
TD1
TF
Figure 1. Switching Time Test Circuit
TYPICAL CHARACTERISTICS
1.5A HIGH-SPEED 30V MOSFET DRIVERS
TC4431
TC4431



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com