Electronic Components Datasheet Search
  English  ▼

X  

TC4627 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC4627
Description  POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4627 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC4627 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-276
TELCOM SEMICONDUCTOR, INC.
TC4626
TC4627
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
TYPICAL CHARACTERISTICS
TC4626 VOH vs. Frequency
VS = 5V, Temperature = –55°C
TC4626 VOH vs. Frequency
VS = 5V, Temperature = 25°C
5
500 1,000 1,500 2,000 2,500
3,000 3,500
16
14
12
10
8
6
4
2
0
14
12
10
8
6
4
2
0
10
500 1,000 1,500 2,000 2,500
3,000 3,500
FREQUENCY (kHz)
FREQUENCY (kHz)
-40
-20
0
20
40
60
80
60
50
40
30
20
0
Delay Time vs. Temperature
VS = 5V, CLOAD= 1000 pF
100
TD2
TR
TEMPERATURE (
°C)
Delay Time vs. Temperature
VS = 6V, CLOAD= 1000 pF
TEMPERATURE (
°C)
10
120
-40
-20
0
20
40
60
80
TD1
50
40
30
20
0
100
TD2
TR
10
120
TD1
470pF
2200pF
1000pF
470pF
2200pF
1000pF
FREQUENCY (kHz)
-40 -20
0
20
40
60
80
100
80
60
40
20
0
TC4626 VOH vs. Frequency
VS = 5V, Temperature = 125°C
Delay Time vs. Temperature
VS = 4V, CLOAD = 1000pF
100
5
500 1,000 1,500 2,000 2,500
3,000 3,500
14
12
10
8
6
4
2
0
TR
TEMPERATURE (
°C)
470pF
2200pF 1000pF
120
TF
TF
TF
TD1
TD2
Input = 0-5V;
TR & TF <10nsec;
@ <20 kHz
Input = 0-5V;
TR & TF <10nsec;
@ <20 kHz
Input = 0-5V;
TR & TF <10nsec;
@ <20 kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com