Electronic Components Datasheet Search
  English  ▼

X  

TC4627 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC4627
Description  POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4627 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC4627 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-271
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC4626
TC4627
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
FEATURES
s
Power driver with on Board Voltage Booster
s
Low IDD ......................................................... < 4 mA
s
Small Package ........................................ 8-Pin PDIP
s
Under-Voltage Circuitry
s
Fast Rise-Fall Time .................. < 40nsec @ 1000pF
s
Below-Rail Input Protection
APPLICATIONS
s
Raises 5V to drive higher-Vgs (ON) MOSFETs
s
Eliminates one system power supply
GENERAL DESCRIPTION
The TC4626/4627 are single CMOS high speed drivers
with an on-board voltage boost circuit. These parts work with
an input supply voltage from 4 to 6 volts. The internal voltage
booster will produce a VBOOST potential up to 12 volts above
VIN. This VBOOST is not regulated, so its voltage is dependent
on the input VDD voltage and output drive loading require-
ments. An internal undervoltage lockout circuit keeps the
output in a low state when VBOOST drops below 7.8 volts.
Output is enabled when VBOOST is above 11.3 volts.
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
IN
OUT
C1+
C2
GND
1
2
3
4
13
14
15
16
VBOOST
NC
IN
C1–
NC
C1+
NC
NC
VDD
C1–
VDD
5
6
7
8
9
10
11
12
C2
NC
NC
GND
NC
VBOOST
NC
OUT
TC4626
TC4627
TC4626
TC4627
NOTE: Pin numbers correspond to 8-pin package
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC4626COE
16-Pin SOIC (Wide)
– 55
°C to +125°C
TC4626CPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC4626EOE
16-Pin SOIC (Wide)
– 40
°C to +85°C
TC4626EPA
8-Pin Plastic DIP
– 0
°C to +70°C
TC4626MJA
8-Pin CerDIP
– 0
°C to +70°C
TC4627COE
16-Pin SOIC (Wide)
– 55
°C to +125°C
TC4627CPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC4627EOE
16-Pin SOIC (Wide)
– 40
°C to +85°C
TC4627EPA
8-Pin Plastic DIP
– 0
°C to +70°C
TC4627MJA
8-Pin CerDIP
– 0
°C to +70°C
VOLTAGE
BOOSTER
CLOCK
C1+
C1-
C2
IN
GND
EXT
OUTPUT
VBOOST
EXT
V = 2 x VDD
VDD
1
2
3
8
7
4
6
5
C3
NON-
INVERTING
4627
INVERTING
4626
(UNREGULATED 3 x VDD)
UV LOCK
C2
EXT
C1
+
+
+
FUNCTIONAL BLOCK DIAGRAM
TC4626/7-7 10/21/96
8-Pin Plastic DIP
/CerDIP
16-Pin SOIC (Wide)


Similar Part No. - TC4627

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4627 MICROCHIP-TC4627 Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
TC4627 MICROCHIP-TC4627 Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
TC4627COE MICROCHIP-TC4627COE Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
TC4627COE MICROCHIP-TC4627COE Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
TC4627CPA MICROCHIP-TC4627CPA Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
More results

Similar Description - TC4627

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2238 NJRC-NJM2238 Datasheet
189Kb / 5P
VIDEO SUB-CARRIER SIGNAL TRIPLER
NJU7670 NJRC-NJU7670 Datasheet
240Kb / 7P
VOLTAGE TRIPLER
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
CMOS Dual Peripheral Drivers
logo
Texas Instruments
TPS60140 TI-TPS60140 Datasheet
476Kb / 18P
LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
11-33 GHz Tripler MMIC
logo
BOWEI Integrated Circui...
HE011 BOWEI-HE011 Datasheet
333Kb / 3P
Daubler Tripler Quintapler
logo
Microchip Technology
TC4626 MICROCHIP-TC4626_13 Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
CMOS Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com