Electronic Components Datasheet Search
  English  ▼

X  

TC500 Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC500
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC500 Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC500 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 14Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3-28
TELCOM SEMICONDUCTOR, INC.
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
APPLICATIONS
Component Value Selection
The procedure outlined below allows the user to arrive
at values for the following TC5xx design variables:
(1) Integration Phase Timing
(2) Integrator Timing Components (RINT, CINT)
(3) Auto Zero and Reference Capacitors
(4) Voltage Reference
Select Integration Time
Integration time must be picked as a multiple of the
period of the line frequency. For example, tINT times of
33msec, 66msec and 132msec maximize 60Hz line rejec-
tion.
DINT and IZ Phase Timing
The duration of the DINT phase is a function of the
amount of voltage stored on the integrator during TINT, and
the value of VREF. The DINT phase must be initiated imme-
diately following INT and terminated when an integrator
output zero-crossing is detected. In general, the maximum
number of counts chosen for DINT is twice that of INT (with
VREF chosen at VIN (max)/2).
Calculate Integrating Resistor (RINT)
The desired full-scale input voltage and amplifier output
current capability determine the value of RINT. The buffer
and integrator amplifiers each have a full-scale current of
20
µA.
The value of RINT is therefore directly calculated as
follows:
RINT(in MΩ) =
VIN MAX
20
where: VIN MAX = Maximum input voltage (full count voltage)
RINT =Integrating Resistor (in MΩ)
For loop stability, RINT should be ≥ 50kΩ.
Select Reference (CREF) and Auto Zero (CAZ) Capacitors
CREF and CAZ must be low leakage capacitors (such as
polypropylene). The slower the conversion rate, the larger
the value CREF must be. Recommended capacitors for CREF
and CAZ are shown in Table 1. Larger values for CAZ and
CREF may also be used to limit roll-over errors.
Table 1. CREF and CAZ Selection
Conversions Typical Value of Suggested *
Per Second
CREF, CAZ (
µF) Part Number
>7
0.1
WIMA MK12 .1/63/20
2 to 7
0.22
WIMA MK12 .22/63/20
2 or less
0.47
WIMA MK12 .47/63/20
*WIMA Corp. listing on the last page of this data sheet.
Calculate Integrating Capacitor (CINT)
The integrating capacitor must be selected to maximize
integrator output voltage swing. The integrator output volt-
age swing is defined as the absolute value of VDD (or VSS)
less 0.9V (i.e.,
 VDD– 0.9V or V
SS +0.9V ). Using the 20µA
buffer maximum output current, the value of the integrating
capacitor is calculated using the following equation.
CINT = (in µF) =
where: tINT = Integration Period
VS = Applied Supply Voltage
It is critical that the integrating capacitor has a very low
dielectric absorption. Polypropylene capacitors are an ex-
ample of one such chemistry. Polyester and Polybicarbonate
capacitors may also be used in less critical applications.
Table 2 summarizes recommended capacitors for CINT.
Table 2. Recommend Capacitor for CINT
Value
Suggested Part Number*
0.1
WIMA MK12 .1/63/20
0.22
WIMA MK12 .22/63/20
0.33
WIMA MK12 .33/63/20
0.47
WIMA MK12 .47/63/20
*WIMA Corp. listing on the last page of this data sheet.
Calculate VREF
The reference deintegration voltage is calculated
using:
VREF (in Volts) =
(VS – 0.9) (CINT) (RINT)
2(tINT)
(tINT) (20 x 10 –6)
(VS – 0.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com