Electronic Components Datasheet Search
  English  ▼

X  

TC500 Datasheet(PDF) 16 Page - TelCom Semiconductor, Inc

Part # TC500
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC500 Datasheet(HTML) 16 Page - TelCom Semiconductor, Inc

Back Button TC500 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC500 Datasheet HTML 17Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
3-34
TELCOM SEMICONDUCTOR, INC.
TYPICAL PERFORMANCE CHARACTERISTICS OF INTERNAL DC-TO-DC CONVERTER
LOAD CURRENT (mA)
OUTPUT CURRENT (mA)
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
1020
3040
50
60
70
0
6
8
10
4
214
16
18
12
20
80
Output Voltage vs Load Current
–0
–1
–3
–2
–4
–5
–7
–6
–8
Output Voltage vs. Output Current
OSCILLATOR CAPACITANCE (pF)
100
10
1
110
100
1000
Oscillator Frequency vs. Capacitance
LOAD CURRENT (mA)
0
3
456
12
7
8
9
10
0
25
50
75
100
125
150
175
200
Output Ripple vs. Load Current
TEMPERATURE (
°C)
70
80
90
100
60
50
40
–50
025
–25
50
75
100
Output Source Resistance vs. Temperature
TA = 25°C
V+ = 5V
TA = +25°C
V+ = 5V
TA = 25°C
Slope 60
Ω
V+ = 5V, TA = 25°C
Osc. Freq. = 100kHz
CAP = 1
µF
CAP = 10
µF
V+ = 5V
IOUT = 10mA
TEMPERATURE (
°C)
125
150
100
75
50
–50
025
–25
50
75
125
100
Oscillator Frequency vs. Temperature
V+ = 5V
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com