Electronic Components Datasheet Search
  English  ▼

X  

TC4422EPA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC4422EPA
Description  9A HIGH-SPEED MOSFET DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4422EPA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC4422EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-233
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
9A HIGH-SPEED MOSFET DRIVERS
TC4421
TC4422
ELECTRICAL CHARACTERISTICS (cont.):
Measured over operating temperature range with 4.5V
≤ V
S ≤ 18V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 Input Voltage
2.4
—
—
V
VIL
Logic 0 Input Voltage
—
—
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
—
10
µA
Output
VOH
High Output Voltage
See Figure 1
VDD – 0.025
—
—
V
VOL
Low Output Voltage
See Figure 1
—
—
0.025
V
RO
Output Resistance, High
VDD = 18V, IO = 10 mA
—
2.4
3.6
W
RO
Output Resistance, Low
VDD = 18V, IO = 10 mA
—
1.8
2.7
W
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 10,000 pF
—
60
120
nsec
tF
Fall Time
Figure 1, CL = 10,000 pF
—
60
120
nsec
tD1
Delay Time
Figure 1
—
50
80
nsec
tD2
Delay Time
Figure 1
—
65
80
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
—
0.45
3
mA
VIN = 0V
—
0.06
0.2
VDD
Operating Input Voltage
4.5
—
18
V
Figure 1. Switching Time Test Circuit
INPUT
C = 10,000 pF
L
OUTPUT
TC4421
0.1
µF
0.1
µF
26
7
5
4
18
V
= 18V
DD
t R
INPUT
90%
10%
+18V
OUTPUT
t D1
0V
+5V
t F
90%
t D2
10%
0.1
µF
10%
90%
0V
INPUT: 100 kHz, square wave,
t
RISE = tFALL ≤ 10nsec
NOTE: 1. Switching times guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com