Electronic Components Datasheet Search
  English  ▼

X  

TC4422EPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC4422EPA
Description  9A HIGH-SPEED MOSFET DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4422EPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC4422EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4422EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-235
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC4421
TC4422
9A HIGH SPEED MOSFET DRIVERS
TYPICAL CHARACTERISTICS (Cont.)
C
(pF)
220
Supply Current vs. Capacitive Load
LOAD
100
200
180
160
140
120
100
80
60
40
20
0
100,000
10,000
1000
1.125 MHz
632 kHz
200 kHz
20 kHz
2 MHz
63.2 kHz
(V
= 18V)
DD
FREQUENCY (kHz)
180
100
80
60
40
20
0
Supply Current vs. Frequency
120
140
160
0.1 µF
22,000 pF
470 pF
10,000 pF
4700 pF
180
160
140
120
100
60
0
C
(pF)
LOAD
80
40
20
1.125 MHz
63.2 kHz
20 kHz
632 kHz
200 kHz
2 MHz
Supply Current vs. Capacitive Load,
(V
= 12)
DD
100
Supply Current vs. Capacitive Load
90
80
70
60
50
40
30
20
10
0
C
(pF)
LOAD
20 kHz
632 kHz
200 kHz
2 MHz
63.2 kHz
(V
= 6V)
DD
47,000 pF
120
40
20
0
100
0.1 µF
4700 pF
10
FREQUENCY (kHz)
100
1000
60
80
22,000 pF
470 pF
10,000 pF
FREQUENCY (kHz)
180
100
80
60
40
20
0
Supply Current vs. Frequency
120
140
160
0.1 µF
470 pF
22,000 pF
10
100
1000
4700 pF
10,000 pF
47,000 pF
(V
= 18V)
DD
(V
= 12)
DD
Supply Current vs. Frequency
(V
= 6V)
DD
100
100,000
10,000
1000
100
100,000
10,000
1000
10
100
1000
10
100
1000
47,000 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com