Electronic Components Datasheet Search
  English  ▼

X  

TC534 Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC534
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534 Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC534 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3-54
TELCOM SEMICONDUCTOR, INC.
30
20
10
0
0.1/T
1/T
10/T
INPUT FREQUENCY
T = MEASUREMENT
PERIOD
EOC
tDR
AZ
Updated Data
Ready
Updated Data
Ready
INT
DINT
IZ
AZ
Conversion
Phase
Data to Serial
Port Transmit
Register
Figure 3. Integrating Converter Normal Mode Rejection
Figure 2. A/D Converter Timing
DETAILED DESCRIPTION
Dual Slope Integrating Converter
The TC530/534 dual slope converter operates by inte-
grating the input signal for a fixed time period, then applying
an opposite polarity reference voltage while timing the
period (counting clocks pulses) for the integrator output to
cross 0V (deintegrating). The resulting count is read as
conversion data.
A simple mathematical expression that describes dual
slope conversion is:
(1) Integrate Voltage = Deintegrate Voltage
(2)
∫tINT
0
∫tDINT
0
1/RINTCINT VIN(t)dt = 1/RINTCINT
VREF
from which:
(3)
[]
(tINT)
(VIN)
= (VREF)
(RINT)(CINT)
[]
(tDINT)
(RINT)(CINT)
and therefore:
(4) VIN = VREF
[]
tDINT
tINT
where: VREF = Reference Voltage
tINT = Integrate Time
tDINT = Reference Voltage Deintegrate Time
Inspection of equation (4) shows dual slope converter
accuracy is unrelated to integrating resistor and capacitor
values, as long as they are stable throughout the measure-
ment cycle. This measurement technique is inherently
ratiometric (i.e., the ratio between the tINT and tDINT times is
equal to the ratio between VIN and VREF).
Another inherent benefit is noise immunity. Input noise
spikes are integrated (or averaged to zero) during the
integration period. The integrating converter has a noise
immunity with an attenuation rate of at least –20dB per
decade. Interference signals with frequencies at integral
multiples of the integration period are, for the most part,
completely removed. For this reason, the integration period
of the converter is often established to reject 50/60Hz line
noise. The ability to reject such noise is shown by the plot of
Figure 3.
In addition to the two phases required for dual slope
measurement (Integrate and Deintegrate), the TC530/534
performs two additional adjustments to minimize measure-
ment error due to system offset voltages. The resulting four
internal operations (conversion phases) performed each
measurement cycle are: Auto Zero (AZ), Integrator Output
Zero (IZ), Input Integrate (INT) and Reference Deintegrate
(DINT). The AZ and IZ phases compensate for system offset
errors and the INT and DINT phases perform the actual A/D
conversion.
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com