Electronic Components Datasheet Search
  English  ▼

X  

TC534 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC534
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC534 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3-51
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTION
Pin No.
Pin No.
Pin No
Pin No.
(TC530
(TC530
(TC534
(TC534
28-Pin
28-Pin
40-Pin
44-Pin
PDIP, 300 Mil.) SOIC)
PDIP)
PQFP)
Symbol
Description
11
1
40
VSS
Analog Output. Negative power supply converter output
and reservoir capacitor connection. This output can be
used to provide negative bias to other devices in the system.
22
2
41
CINT
Analog Output. Integrator capacitor connection and integrator
output.
33
3
42
CAZ
Analog Input. Auto Zero capacitor connection.
4
4
4
43
BUF
Analog Output. Integrator capacitor connection and voltage
buffer output.
5
5
5
2
ACOM
Analog Input. This pin is ground for all of the analog switches
in the A/D converter. It is grounded for most applications.
ACOM and the input common pin (V
–
IN or Chx
–) should be
within the common mode range, CMR.
66
6
3
C
–
REF
Analog Input. Reference cap negative connection.
77
7
4
C
+
REF
Analog Input. Reference cap positive connection.
88
8
5
V
–
REF
Analog Input. External voltage reference negative connection.
99
9
6
V
+
REF
Analog Input. External voltage reference positive connection.
Not Used
Not Used
10
7
CH4–
Analog Input. Multiplexer channel 4 negative differential
analog input.
Not Used
Not Used
11
8
CH3–
Analog Input. Multiplexer channel 3 negative differential
analog input.
Not Used
Not Used
12
9
CH2–
Analog Input. Multiplexer channel 2 negative differential
analog input.
Not Used
Not Used
13
10
CH1–
Analog Input. Multiplexer channel 1 negative differential
analog input.
Not Used
Not Used
14
11
CH4+
Analog Input. Multiplexer channel 4 positive differential
analog input.
Not Used
Not Used
15
12
CH3+
Analog Input. Multiplexer channel 3 positive differential
analog input.
Not Used
Not Used
16
13
CH2+
Analog Input. Multiplexer channel 2 positive differential
analog input.
Not Used
Not Used
17
14
CH1+
Analog Input. Multiplexer channel 1 positive differential
analog input.
10
10
Not Used
Not Used
V
–
IN
Analog Input. Negative differential analog voltage input.
11
11
Not Used
Not Used
V
+
IN
Analog Input. Positive differential analog voltage input.
12
12
18
15
DGND
Analog Input. Ground connection for serial port circuit.
Not Used
Not Used
19
16
A1
Logic Level Input. Multiplexer address MSB.
Not Used
Not Used
20
17
A0
Logic Level Input. Multiplexer address LSB.
14
14
21
18
OSCOUT
Analog Input. Timebase for state machine. This pin connects
to one side of an AT-cut crystal having an effective series
resistance of 100
Ω (typ) and a parallel capacitance of 20pF
If an external frequency source is used to clock the TC530/534,
this pin must be left floating.
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com