Electronic Components Datasheet Search
  English  ▼

X  

LT1963ES8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1963ES8
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963ES8 Datasheet(HTML) 4 Page - Linear Technology

  LT1963ES8 Datasheet HTML 1Page - Linear Technology LT1963ES8 Datasheet HTML 2Page - Linear Technology LT1963ES8 Datasheet HTML 3Page - Linear Technology LT1963ES8 Datasheet HTML 4Page - Linear Technology LT1963ES8 Datasheet HTML 5Page - Linear Technology LT1963ES8 Datasheet HTML 6Page - Linear Technology LT1963ES8 Datasheet HTML 7Page - Linear Technology LT1963ES8 Datasheet HTML 8Page - Linear Technology LT1963ES8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1963 Series
1963fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit
VIN = 7V, VOUT = 0V
2
A
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = – 0.1V
●
1.6
A
Input Reverse Leakage Current (Note 13)
Q, T, S8 Packages VIN = – 20V, VOUT = 0V
●
1mA
ST Package
VIN = – 20V, VOUT = 0V
●
2mA
Reverse Output Current (Note 11)
LT1963-1.5
VOUT = 1.5V, VIN < 1.5V
600
1200
µA
LT1963-1.8
VOUT = 1.8V, VIN < 1.8V
600
1200
µA
LT1963-2.5
VOUT = 2.5V, VIN < 2.5V
600
1200
µA
LT1963-3.3
VOUT = 3.3V, VIN < 3.3V
600
1200
µA
LT1963 (Note 4) VOUT = 1.21V, VIN < 1.21V
300
600
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Absolute maximum input to output differential voltage can not be
achieved with all combinations of rated IN pin and OUT pin voltages. With
the IN pin at 20V, the OUT pin may not be pulled below 0V. The total
measured voltage from IN to OUT can not exceed
±20V.
Note 3: The LT1963 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1963 is 100% tested at
TA = 25°C. Performance at – 40°C and 125°C is assured by design,
characterization and correlation with statistical process controls.
Note 4: The LT1963 (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 5: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 6: To satisfy requirements for minimum input voltage, the LT1963
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 4.12k resistors) for an output voltage of
2.4V. The external resistor divider will add a 300
µA DC load on the output.
Note 7: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 1V and a
current source load. The GND pin current will decrease at higher input
voltages.
Note 9: ADJ pin bias current flows into the ADJ pin.
Note 10: SHDN pin current flows into the SHDN pin.
Note 11: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 12. For the LT1963, LT1963-1.5 and LT1963-1.8 dropout voltage will
be limited by the minimum input voltage specification under some output
voltage/load conditions.
Note 13. For the ST package, the input reverse leakage current increases
due to the additional reverse leakage current for the SHDN pin, which is
tied internally to the IN pin.
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 3)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com